Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2903P Datasheet(PDF) 5 Page - Texas Instruments |
|
|
LM2903P Datasheet(HTML) 5 Page - Texas Instruments |
5 / 30 page LM193, LM293, LM293A LM393, LM393A, LM2903, LM2903V DUAL DIFFERENTIAL COMPARATORS SLCS005W − JUNE 1976 − REVISED JULY 2010 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† LM293A LM393A UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT V Input offset voltage VCC = 5 V to 30 V, VO = 1.4 V, 25 °C 1 2 mV VIO Input offset voltage VCC = 5 V to 30 V, VO = 1.4 V, VIC = VIC(min) Full range 4 mV I Input offset current V 14V 25 °C 5 50 nA IIO Input offset current VO = 1.4 V Full range 150 nA I Input bias current V 14V 25 °C −25 −250 nA IIB Input bias current VO = 1.4 V Full range −400 nA V Common-mode input voltage 25 °C 0 to VCC − 1.5 V VICR Common mode input voltage range§ Full range 0 to VCC − 2 V AVD Large-signal differential-voltage amplification VCC = 15 V, VO = 1.4 V to 11.4 V, RL ≥ 15 kΩ to VCC 25 °C 50 200 V/mV I High level output current VOH = 5 V, VID = 1 V 25 °C 0.1 50 nA IOH High-level output current VOH = 30 V, VID = 1 V Full range 1 µA V Low level output voltage I 4mA V 1V 25 °C 150 400 mV VOL Low-level output voltage IOL = 4 mA, VID = −1 V Full range 700 mV IOL Low-level output current VOL = 1.5 V, VID = −1 V 25 °C 6 mA I Supply current R = ∞ VCC = 5 V 25 °C 0.8 1 mA ICC Supply current RL = ∞ VCC = 30 V Full range 2.5 mA † Full range (MIN or MAX) for LM293A is 25 °C to 85°C, and for LM393A is 0°C to 70°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. § The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is VCC+ − 1.5 V, but either or both inputs can go to 30 V without damage. |
Número de pieza similar - LM2903P |
|
Descripción similar - LM2903P |