Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

74AHCT1G02DCKTG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de Pieza. 74AHCT1G02DCKTG4
Descripción  SINGLE 2-INPUT POSITIVE-NOR GATE
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

74AHCT1G02DCKTG4 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74AHCT1G02DBVR
SOT-23
DBV
5
3000
178.0
9.2
3.3
3.2
1.55
4.0
8.0
Q3
SN74AHCT1G02DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
SN74AHCT1G02DBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74AHCT1G02DBVT
SOT-23
DBV
5
250
178.0
9.2
3.3
3.2
1.55
4.0
8.0
Q3
SN74AHCT1G02DCKR
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74AHCT1G02DCKT
SC70
DCK
5
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74AHCT1G02DCKT
SC70
DCK
5
250
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
31-Oct-2013
Pack Materials-Page 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13