Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2300IPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS2300IPWRG4
Descripción Electrónicos  DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2300IPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2300IPWRG4 Datasheet HTML 1Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 2Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 3Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 4Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 5Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 6Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 7Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 8Page - Texas Instruments TPS2300IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS2300
TPS2301
www.ti.com
SLVS265H – FEBRUARY 2000 – REVISED JULY 2013
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VI(IN1), VI(ISENSE1), VI(VSENSE1), VI(VSENSE2), VI(ISET1)
3
13
VI(IN2), VI(ISENSE2), VI(ISET2), VI(VREG)
3
5.5
VI
Input voltage
V
VI(ISENSE1), VI(ISET1), VI(VSENSE1)
VI(IN1)
VI(ISENSE2), VI(ISET2), VI(VSENSE2)
VI(IN2)
TJ
Operating virtual junction temperature
–40
100
°C
ELECTRICAL CHARACTERISTICS
over recommended operating temperature range (–40°C < TA < 85°C), 3 V ≤ VI(IN1) ≤13 V, 3 V ≤ VI(IN2) ≤ 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
II(IN1)
Input current, IN1
VI(ENABLE) = 5 V (TPS2301),
0.5
1
mA
II(IN2)
Input current, IN2
VI(ENABLE) = 0 V (TPS2300)
75
200
µA
Standby current (sum of
currents into IN1, IN2,
VI(ENABLE) = 0 V (TPS2301),
II(stby)
5
µA
ISENSE1, ISENSE2,
VI(ENABLE) = 5 V (TPS2300)
ISET1, and ISET2)
GATE1
VG(GATE1_3V)
VI(IN1) = 3 V
9
11.5
II(GATE1) = 500 nA,
VG(GATE1_4.5V)
Gate voltage
VI(IN1) = 4.5 V
10.5
14.5
V
DISCH1 open
VG(GATE1_10.8V)
VI(IN1) = 10.8 V
16.8
21
Clamping voltage, GATE1
VC(GATE1)
9
10
12
V
to DISCH1
3 V
≤ VI(IN1) ≤ 13.2 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
IS(GATE1)
Source current, GATE1
10
14
20
μA
VI(GATE1) = VI(IN1) + 6 V
3 V
≤ VI(IN1) ≤ 13.2 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
Sink current, GATE1
50
75
100
µA
VI(GATE1) = VI(IN1)
VI(IN1) = 3 V
0.5
tr(GATE1)
Rise time, GATE1
Cg to GND = 1 nF
(1)
VI(IN1) = 4.5 V
0.6
ms
VI(IN1) = 10.8 V
1
VI(IN1) = 3 V
0.1
tf(GATE1)
Fall time, GATE1
Cg to GND = 1 nF
(1)
VI(IN1) = 4.5 V
0.12
ms
VI(IN1) = 10.8 V
0.2
GATE2
VG(GATE2_3V)
VI(IN2) = 3 V
9
11.7
II(GATE2) = 500 nA,
Gate voltage
V
DISCH2 open
VG(GATE2_4.5V)
VI(IN2) = 4.5 V
10.5
14.7
Clamping voltage, GATE2
VC(GATE2)
9
10
12
V
to DISCH2
3 V
≤ VI(IN2) ≤ 5.5 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
IS(GATE2)
Source current, GATE2
10
14
20
µA
VI(GATE2) = VI(IN2) + 6 V
3 V
≤ VI(IN2) ≤ 5.5 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
Sink current, GATE2
50
75
100
µA
VI(GATE2) = VI(IN2)
VI(IN2) = 3 V
0.5
tr(GATE2)
Rise time, GATE2
Cg to GND = 1 nF
(1)
ms
VI(IN2) = 4.5 V
0.6
VO(VREG) = 3 V
VI(IN2) = 3 V
0.1
tf(GATE2)
Fall time, GATE2
Cg to GND = 1 nF
(1)
ms
VI(IN2) = 4.5 V
0.12
(1)
Specified, but not production tested.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2300 TPS2301


Número de pieza similar - TPS2300IPWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2300IPW TI-TPS2300IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPW TI-TPS2300IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Descripción similar - TPS2300IPWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com