Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431ACLPREG Datasheet(PDF) 7 Page - ON Semiconductor |
|
TL431ACLPREG Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 18 page TL431, A, B Series, NCV431A, B http://onsemi.com 7 Input Output t, TIME ( ms) Pulse Generator f = 100 kHz 0 8.0 4.0 20 0 16 2.0 3.0 12 0 1.0 5.0 Figure 14. Pulse Response Figure 15. Stability Boundary Conditions 50 220 Output GND Input Monitor TA = 25°C TA = 25°C C A B CL, LOAD CAPACITANCE 120 80 100 60 0 140 1.0 nF 100 mF 1.0 mF10 mF Stable Stable 40 20 10 nF 100 nF A B D Unstable Area Programmed VKA(V) A B C D Vref 5.0 10 15 Figure 16. Test Circuit For Curve A of Stability Boundary Conditions Figure 17. Test Circuit For Curves B, C, And D of Stability Boundary Conditions V+ IK 150 IK V+ 150 CL 10 k CL Figure 18. Shunt Regulator Figure 19. High Current Shunt Regulator V+ Vout R1 V+ Vout R1 R2 R2 Vout + 1 ) R1 R2 V ref Vout + 1 ) R1 R2 V ref TYPICAL APPLICATIONS |
Número de pieza similar - TL431ACLPREG |
|
Descripción similar - TL431ACLPREG |