Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM104.SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SM104.SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page Boley Tweezers - 17 649.SA 649.S 647.SA 647.S 4 3/4'' 120mm strong blunt precision tips serrated tips and grips 6'' 150mm strong, fine, alignment pin serrated tips and grips 6'' 150mm strong, fine, bent, alignment pin serrated tips and grips 5 3/4'' 145mm; 0.14'' 3.6mm nickel plated tweezers to hold pearls and ball bearings 648.SA 648.S PB.NP GG.SA GG.NP NN.SA NN.NP AA.SA AA.S AA.NP AA.TA MM.SA MM.NP 5'' 130mm general purpose straight fine tips 5'' 130mm very slim tips, max visibility 5'' 130mm general purpose strong fine tips 4 1/2'' 115mm as MM, short 456.SA 5'' 130mm fine serrated tips 5 1/2'' 140mm strong blunt precision serrated tips and serrated grips 475.SA Ergonomic, general purpose tweezers available in different materials for specific applications. Boley Tweezers 3•GenPurpose_SMD 16.9.2005 14:50 Page 17 |
Número de pieza similar - SM104.SA |
|
Descripción similar - SM104.SA |