Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1274IPAPT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1274IPAPT
Descripción Electrónicos  Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1274IPAPT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1274IPAPT Datasheet HTML 6Page - Texas Instruments ADS1274IPAPT Datasheet HTML 7Page - Texas Instruments ADS1274IPAPT Datasheet HTML 8Page - Texas Instruments ADS1274IPAPT Datasheet HTML 9Page - Texas Instruments ADS1274IPAPT Datasheet HTML 10Page - Texas Instruments ADS1274IPAPT Datasheet HTML 11Page - Texas Instruments ADS1274IPAPT Datasheet HTML 12Page - Texas Instruments ADS1274IPAPT Datasheet HTML 13Page - Texas Instruments ADS1274IPAPT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-SpeedMode
f
=1kHz, 0.5dBFS
-
IN
32,768Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-SpeedMode
f
=1kHz, 20dBFS
-
IN
32,768Points
1
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
10k
100k
High-SpeedMode
ShortedInput
262,144Points
Output( V)
m
25k
20k
15k
10k
5k
0
High-SpeedMode
ShortedInput
262,144Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-ResolutionMode
f
=1kHz, 0.5dBFS
-
IN
32,768Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-ResolutionMode
f
=1kHz, 20dBFS
-
IN
32,768Points
ADS1274
ADS1278
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, High-Speed mode, AVDD = +5V, DVDD = +1.8V, IOVDD = +3.3V, fCLK = 27MHz, VREFP = 2.5V, and
VREFN = 0V, unless otherwise noted.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 1.
Figure 2.
OUTPUT SPECTRUM
NOISE HISTOGRAM
Figure 3.
Figure 4.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 5.
Figure 6.
10
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1274 ADS1278


Número de pieza similar - ADS1274IPAPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1274IPAPT BURR-BROWN-ADS1274IPAPT Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274IPAPTG4 BURR-BROWN-ADS1274IPAPTG4 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
More results

Descripción similar - ADS1274IPAPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com