Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSV992 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

No. de pieza TSV992
Descripción Electrónicos  Rail-to-rail input/output 20 MHz GBP operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button TSV992 Datasheet HTML 17Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 18Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 19Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 20Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 21Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 22Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 23Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 24Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Ordering information
TSV99x, TSV99xA
22/25
Doc ID 12833 Rev 9
5
Ordering information
Table 12.
Order codes(1)
1.
All packages are Moisture Sensitivity Level 1 as per Jedec J-STD-020-C, except SO-14 which is Jedec
level 3.
Order code
Temperature range
Package
Packing
Marking
TSV991ILT
-40° C to +125° C
SOT23-5
Tape & reel
K130
TSV991AILT
K129
TSV991IQ2T
DFN8 2x2
K1E
TSV992IST
MiniSO-8
K132
TSV992AIST
K135
TSV992ID
TSV992IDT
SO-8
Tube
Tape & reel
V992I
TSV992AID
TSV992AIDT
Tube
Tape & reel
V992AI
TSV994IPT
TSSOP14
Tape & reel
V994I
TSV994AIPT
V994AI
TSV994ID
TSV994IDT
SO-14(1)
Tube
Tape & reel
V994I
TSV994AID
TSV994AIDT
Tube
Tape & reel
V994AI
TSV991IYLT(2)
2.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
-40° C to +125° C
Automotive grade
SOT23-5
Tape & reel
K149
TSV991AIYLT(2)
K150
TSV992IYDT(2)
SO-8
Tape & reel
V992IY
TSV992AIYDT(2)
Tape & reel
V992AY
TSV992IYST(2)
MiniSO-8
Tape & reel
K149
TSV992AIYST(2)
K150
TSV994IYDT(2)
SO-14(1)
Tape & reel
V994IY
TSV994AIYDT(2)
Tape & reel
V994AY
TSV994IYPT(2)
TSSOP14
Tape & reel
V994IY
TSV994AIYPT(2)
V994AY


Número de pieza similar - TSV992

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TSV992 STMICROELECTRONICS-TSV992 Datasheet
483Kb / 18P
   Rail-to-rail input/output 20MHz GBP operational amplifiers
TSV992 STMICROELECTRONICS-TSV992 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
TSV992AID STMICROELECTRONICS-TSV992AID Datasheet
483Kb / 18P
   Rail-to-rail input/output 20MHz GBP operational amplifiers
TSV992AID STMICROELECTRONICS-TSV992AID Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
TSV992AIDT STMICROELECTRONICS-TSV992AIDT Datasheet
483Kb / 18P
   Rail-to-rail input/output 20MHz GBP operational amplifiers
More results

Descripción similar - TSV992

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
TSV991 STMICROELECTRONICS-TSV991 Datasheet
483Kb / 18P
   Rail-to-rail input/output 20MHz GBP operational amplifiers
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
[Old version datasheet]   17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com