Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP3211AMNR2G Datasheet(PDF) 8 Page - ON Semiconductor |
|
ADP3211AMNR2G Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 32 page ADP3211, ADP3211A http://onsemi.com 8 ELECTRICAL CHARACTERISTICS (VCC = PVCC = 5.0 V, FBRTN = GND = PGND = 0 V, H = 5.0 V, L = 0 V, VVID = VDAC = 1.2 V, TA = −40°C to 100°C, unless otherwise noted. (Note 1) Current entering a pin (sunk by the device) has a positive sign. Parameter Units Max Typ Min Conditions Symbol HIGH−SIDE MOSFET DRIVER Pullup Resistance, Sourcing Current Pulldown Resistance, Sinking Current BST = PVCC 2.0 1.0 3.3 2.8 W Transition Times trDRVH, tfDRVH BST = PVCC, CL = 3 nF, Figure 2 15 13 35 31 ns Dead Delay Times tpdhDRVH BST = PVCC, Figure 2 10 45 ns BST Quiescent Current EN = L (Shutdown) EN = H, No Switching 5.0 200 15 mA LOW−SIDE MOSFET DRIVER Pullup Resistance, Sourcing Current Pulldown Resistance, Sinking Current 1.8 0.9 3.0 2.7 W Transition Times trDRVL, tfDRVL CL = 3 nF, Figure 2 15 14 35 35 ns Propagation Delay Times tpdhDRVL CL = 3 nF, Figure 2 15 30 ns SW Transition Timeout tSWTO DRVH = L, SW = 2.5 V 150 250 450 ns SW Off Threshold VOFFSW 2.2 V PVCC Quiescent Current EN = L (Shutdown) EN = H, No Switching 14 200 50 mA BOOTSTRAP RECTIFIER SWITCH On−Resistance EN = L or EN = H and DRVL = H 4 7 11 W 1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). 2. Guaranteed by design or bench characterization, not production tested. 3. Timing is referenced to the 90% and 10% points, unless otherwise noted. DRVH (with respect to SW) DRVL SW 1.0 V Figure 2. Timing Diagram VTH VTH tfDRVL tpdhDRVH trDRVH tfDRVH trDRVL tpdhDRVL |
Número de pieza similar - ADP3211AMNR2G |
|
Descripción similar - ADP3211AMNR2G |