Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3820-33DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3820-33DBVT
Descripción Electrónicos  Processor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3820-33DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS3820-33DBVT Datasheet HTML 1Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 2Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 3Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 4Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 5Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 6Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 7Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 8Page - Texas Instruments TPS3820-33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS382x-xx
TPS382xA-xx
SLVS165J – APRIL 1998 – REVISED APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD
Supply voltage
6 V
V
RESET, RESET, MR, WDI
−0.3 to (VDD + 0.3)
V
IOL
Maximum low output current
5
mA
IOH
Maximum high output current
–5
mA
IIK
Input clamp current range (VI < 0 or VI > VDD)
±10
mA
IOK
Output clamp current range (VO < 0 or VO > VDD)
±10
mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
Soldering temperature
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
DISSIPATION RATINGS
OPERATING
TA ≤ 25°C
TA = 70°C
TA = 85°C
FACTOR
PACKAGE
POWER RATING
POWER RATING
POWER RATING
ABOVE TA = 25°C
DBV
437 mW
3.5 mW/°C
280 mW
227 mW
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX UNIT
VDD
Supply voltage
1.1
5.5
V
VI
Input voltage
0
VDD + 0.3
V
VIH
High-level input voltage at MR and WDI
0.7 × VDD
V
VIL
Low-level input voltage
0.3 × VDD
V
Δt/ΔV
Input transition rise and fall rate at MR or WDI
100
ns/V
TA
Operating free-air temperature range
–40
85
°C
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: TPS382x-xx TPS382xA-xx


Número de pieza similar - TPS3820-33DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3820-33DBVT TI-TPS3820-33DBVT Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVT TI-TPS3820-33DBVT Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVT TI-TPS3820-33DBVT Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVT TI1-TPS3820-33DBVT Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVT TI1-TPS3820-33DBVT Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Descripción similar - TPS3820-33DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com