Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS62240DRVRG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS62240DRVRG4
Descripción  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS62240DRVRG4 Datasheet(HTML) 16 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
VIN
GND
EN
FB
SW
TPS62240DRV
L1
2.2µH
CIN
4.7µF
R1
360 k
R2
360 k
C1
33pF
COUT
10 µF
VOUT 1.2V
Upto300mA
MODE
VIN 2.0V to 6V
VIN
GND
EN
FB
SW
TPS62240DRV
L1
2.2µH
CIN
4.7µF
R1
360 k
R2
180 k
C1
33pF
COUT
10 µF
VOUT 1.8V
Upto300mA
MODE
VIN 2.0V to 6V
VIN
GND
EN
FB
SW
TPS62240DRV
L1
4.7 µH
CIN
4.7µF
R1
360 k
R2
180 k
C1
33pF
COUT
10 µF
VOUT 1.8V
Upto300mA
MODE
VIN 2.0V to 6V
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
Figure 27. TPS62240DRV Adjustable 1.2 V
Figure 28. TPS62240DRV 1.8 V
Figure 29. TPS62240DRV 1.8 V Low Ripple
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62240 TPS62242 TPS62243


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn