Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS62243DRVTG4 Datasheet(PDF) 24 Page - Texas Instruments

No. de Pieza. TPS62243DRVTG4
Descripción  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS62243DRVTG4 Datasheet(HTML) 24 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS62240DDCR
SOT
DDC
5
3000
203.0
203.0
35.0
TPS62240DDCT
SOT
DDC
5
250
203.0
203.0
35.0
TPS62240DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS62240DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS62242DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS62242DRVT
SON
DRV
6
250
203.0
203.0
35.0
TPS62243DRVR
SON
DRV
6
3000
203.0
203.0
35.0
TPS62243DRVT
SON
DRV
6
250
203.0
203.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Nov-2012
Pack Materials-Page 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn