Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5113ZI-50-T3 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza CAT5113ZI-50-T3
Descripción Electrónicos  100-tap Digital Potentiometer (POT)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5113ZI-50-T3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT5113ZI-50-T3 Datasheet HTML 3Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 4Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 5Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 6Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 7Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 8Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 9Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 10Page - ON Semiconductor CAT5113ZI-50-T3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CAT5113
http://onsemi.com
7
APPLICATIONS INFORMATION
(a) resistive divider
(b) variable resistance
(c) two−port
Figure 5. Potentiometer Configuration
Applications
Figure 6. Programmable Instrumentation
Amplifier
+5 V
+2.5 V
2
8
3
2
6
5
7
9
4
10
11
8
1
1
7
4
+
+
+
+5 V
CAT5113/5114
Figure 7. Programmable Sq. Wave Oscillator (555)
Figure 8. Sensor Auto Referencing Circuit
+5 V
−5 V
4
11
1
499 kW
IC1B
IC1A
20 kW
499 kW
2
3
6
5
499 kW
499 kW
10 kW
0.01 mF
OSC
IC3A
1/4 74HC132
+
2
8
1
7
7
4
+5 V +200 mV
CAT5111/5112
IC2
+
+5 V
0.01 mF
0.01 mF
0.003 mF
C
5
3
6
7
8
4
1
2
65
3
2
8
1
7
4
+5 V
555
R2
R2
R1
R3
R4
R4
V1 (−)
V2 (+)
VO
A3
A1 = A2 = A3 = 1/4 LM6064
R2 = R3 = R4 = 5 kW
RPOT = 10 kW
RB
R2
RA
R1
pRPOT
(1−p)RPOT
CS
VSENSOR = 1 V  50 mV
VOUT = 1 V  1 mV
VREF = 1 V
VCORR
R3


Número de pieza similar - CAT5113ZI-50-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5113ZI-50-T3 ONSEMI-CAT5113ZI-50-T3 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
More results

Descripción similar - CAT5113ZI-50-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
   Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5113VI01 ONSEMI-CAT5113VI01 Datasheet
214Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5111 ONSEMI-CAT5111_13 Datasheet
205Kb / 14P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 20
logo
Copal Electronics
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
   100-Tap Digital Potentiometer
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
   100-Tap Digital Potentiometer
logo
ON Semiconductor
CAT5113ZI10 ONSEMI-CAT5113ZI10 Datasheet
204Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5113V-10 ONSEMI-CAT5113V-10 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
logo
Maxim Integrated Produc...
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
   256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
logo
ON Semiconductor
CAT5116LI ONSEMI-CAT5116LI Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com