Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM01D0305A Datasheet(PDF) 2 Page - Delta Electronics, Inc. |
|
DM01D0305A Datasheet(HTML) 2 Page - Delta Electronics, Inc. |
2 / 4 page DS_DM03S/D_07182012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc P2 Input Characteristics Parameter Model Min. Typ. Max. Unit 5V Input Models -0.7 --- 11 12V Input Models -0.7 --- 25 24V Input Models -0.7 --- 50 Input Surge Voltage (1 sec. max.) 48V Input Models -0.7 --- 100 5V Input Models 3.7 4 4.5 12V Input Models 8 8.5 9 24V Input Models 15 17 18 Start-Up Voltage 48V Input Models 30 33 36 5V Input Models --- --- 4 12V Input Models --- --- 8.5 24V Input Models --- --- 17 Under Voltage Shutdown 48V Input Models --- --- 34 VDC Reverse Polarity Input Current --- --- 0.3 A Short Circuit Input Power --- --- 2000 mW Internal Power Dissipation --- --- 2500 mW Conducted EMI All Models Compliance to EN 55022,class A and FCC part 15,class A Output Characteristics Parameter Conditions Min. Typ. Max. Unit Output Voltage Accuracy --- ±0.5 ±1.0 % Output Voltage Balance Dual Output, Balanced Loads --- ±0.5 ±2.0 % Line Regulation Vin=Min. to Max. --- ±0.3 ±0.5 % Load Regulation Io=25% to 100% --- ±0.5 ±1.0 % 5V Output Models --- 75 100 mV P-P Ripple & Noise (20MHz) Other Output Models --- 100 150 mV P-P Ripple & Noise (20MHz) Over Line, Load & Temp. --- --- 180 mV P-P Ripple & Noise (20MHz) --- --- 15 mV rms Transient Recovery Time --- 150 500 uS Transient Response Deviation 25% Load Step Change --- ±3 ±6 % Temperature Coefficient --- ±0.02 ±0.05 %/ ℃ Over Load Protection Foldback 120 150 --- % Short Circuit Protection Continuous Isolation, Safety Approvals Parameter Conditions Min. Typ. Max. Unit I/O Isolation Voltage (rated) 60 Seconds 4000 --- --- VACrms I/O Isolation Test Voltage Flash tested for 1 Second 6000 --- --- VPK Leakage Current 240VAC, 60Hz --- --- 2 uA I/O Isolation Resistance 500 VDC 10 --- --- GΩ I/O Isolation Capacitance 100KHz, 1V --- 7 13 pF cUL/UL60950-1, CSA C22.2 No. 60950-1-03 UL60601-1,CSA C22.2 No.601-1 Safety Standards IEC/EN 60950-1, IEC/EN 60601-1 IEC60950-1 CB report, cUL/UL 60950-1 certificate Safety Approvals UL60601-1 UL certificate General Characteristics Parameter Conditions Min. Typ. Max. Unit Switching Frequency --- 150 --- KHz MTBF(calculated) MIL-HDBK-217F@25 ℃, Ground Benign 1,000,000 --- --- Hours Recommended Input Fuse 5V Input Models 12V Input Models 24V Input Models 48V Input Models 2000mA Slow-Blow Type 1000mA Slow-Blow Type 500mA Slow-Blow Type 250mA Slow-Blow Type |
Número de pieza similar - DM01D0305A |
|
Descripción similar - DM01D0305A |