Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SGW6N60UFD Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza SGW6N60UFD
Descripción Electrónicos  Ultra-Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGW6N60UFD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SGW6N60UFD Datasheet HTML 1Page - Fairchild Semiconductor SGW6N60UFD Datasheet HTML 2Page - Fairchild Semiconductor SGW6N60UFD Datasheet HTML 3Page - Fairchild Semiconductor SGW6N60UFD Datasheet HTML 4Page - Fairchild Semiconductor SGW6N60UFD Datasheet HTML 5Page - Fairchild Semiconductor SGW6N60UFD Datasheet HTML 6Page - Fairchild Semiconductor SGW6N60UFD Datasheet HTML 7Page - Fairchild Semiconductor SGW6N60UFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
SGW6N60UFD Rev. A1
IGBT
SGW6N60UFD
Ultra-Fast IGBT
General Description
Fairchild's UFD series of Insulated Gate Bipolar Transistors
(IGBTs) provides low conduction and switching losses.
The UFD series is designed for applications such as motor
control and general inverters where high speed switching is
a required feature.
Features
• High speed switching
• Low saturation voltage : VCE(sat) = 2.1 V @ IC = 3A
• High input impedance
• CO-PAK, IGBT with FRD : trr = 35ns (typ.)
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Notes :
(2) Mounted on 1” squre PCB (FR4 or G-10 Material)
Symbol
Description
SGW6N60UFD
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C6
A
Collector Current
@ TC = 100°C3
A
ICM (1)
Pulsed Collector Current
25
A
IF
Diode Continuous Forward Current
@ TC = 100°C4
A
IFM
Diode Maximum Forward Current
25
A
PD
Maximum Power Dissipation
@ TC = 25°C30
W
Maximum Power Dissipation
@ TC = 100°C12
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for Soldering
Purposes, 1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction-to-Case
--
4.0
°C/W
RθJC(DIODE)
Thermal Resistance, Junction-to-Case
--
7.0
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient (PCB Mount) (2)
--
40
°C/W
Applications
AC & DC motor controls, general purpose inverters, robotics, and servo controls.
G
E
C
D2-PAK
G
C
E
G
C
E


Número de pieza similar - SGW6N60UFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SGW6N60UF FAIRCHILD-SGW6N60UF Datasheet
509Kb / 7P
   Ultra-Fast IGBT
More results

Descripción similar - SGW6N60UFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS13N60UFD FAIRCHILD-SGS13N60UFD Datasheet
610Kb / 8P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com