Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPA6017A2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPA6017A2
Descripción  2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPA6017A2 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TPA6017A2
SLOS386A − NOVEMBER 2001 − REVISED APRIL 2007
2
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
AVAILABLE OPTIONS
PACKAGED DEVICE†
TA
TSSOP
(PWP)
−40
°C to 85°C
TPA6017A2PWP
† The PWP package is available taped and reeled. To order a taped and reeled part, add the suffix R to the part
number (e.g., TPA6017A2PWPR). For the most current package and ordering information, see the Package
Option Addendum at the end of this document, or see the TI website at www.ti.com.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GAIN0
GAIN1
LOUT+
LIN−
PVDD
RIN+
LOUT−
LIN+
BYPASS
GND
SHUTDOWN
ROUT+
RIN−
VDD
PVDD
ROUT−
GND
NC
GND
PWP PACKAGE
(TOP VIEW)
NC − No internal connection
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
10
Tap to voltage divider for internal midsupply bias generator
GAIN0
2
I
Bit 0 of gain select
GAIN1
3
I
Bit 1 of gain select
GND
1, 11,
13, 20
Ground
LIN−
5
Left channel negative differential input
LIN+
9
I
Left channel positive differential input
LOUT−
8
O
Left channel negative output
LOUT+
4
O
Left channel positive output
NC
12
No connection
PVDD
6, 15
I
Supply voltage terminal
ROUT−
14
O
Right channel negative output
ROUT+
18
O
Right channel positive output
RIN−
17
I
Right channel negative differential input
RIN+
7
I
Right channel positive differential input
SHUTDOWN
19
I
Places IC in shutdown mode when held low
VDD
16
I
Supply voltage terminal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn