Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2011ADR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TPS2011ADR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 29 page www.ti.com ELECTRICAL CHARACTERISTICS TPS2010A, TPS2011A TPS2012A, TPS2013A SLVS189C – DECEMBER 1998 – REVISED SEPTEMBER 2007 over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = rated current, EN = 0 V (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT POWER SWITCH VI(IN) = 5 V, TJ = 25°C, IO = 1.5 A 33 36 VI(IN) = 5 V, TJ = 85°C, IO = 1.5 A 38 46 VI(IN) = 5 V, TJ = 125°C, IO = 1.5 A 44 50 TPS2013A m Ω VI(IN) = 3.3 V, TJ = 25°C, IO = 1.5 A 37 41 VI(IN) = 3.3 V, TJ = 85°C, IO = 1.5 A 43 52 VI(IN) = 3.3 V, TJ = 125°C, IO = 1.5 A 51 61 Static drain-source on-state rDS(on) resistance VI(IN) = 5 V, TJ = 25°C, IO = 0.18 A 30 34 VI(IN) = 5 V, TJ = 85°C, IO = 0.18 A 35 41 VI(IN) = 5 V, TJ = 125°C, IO = 0.18 A 39 47 TPS2010A m Ω VI(IN) = 3.3 V, TJ = 25°C, IO = 0.18 A 33 37 VI(IN) = 3.3 V, TJ = 85°C, IO = 0.18 A 39 46 VI(IN) = 3.3 V, TJ = 125°C, IO = 0.18 A 44 56 VI(IN) = 5.5 V, TJ = 25°C, CL = 1 μF, RL = 10 Ω 6.1 tr Rise time, output ms VI(IN) = 2.7 V, TJ = 25°C, CL = 1 μF, RL = 10 Ω 8.6 VI(IN) = 5.5 V, TJ = 25°C, CL = 1 μF, RL = 10 Ω 3.4 tf Rise time, output ms VI(IN) = 2.7 V, TJ = 25°C, CL = 1 μF, RL = 10 Ω 3 ENABLE INPUT (EN) VIH High-level input voltage 2.7 V ≤ VI(IN) ≤ 5.5 V 2 V 4.5 V ≤ VI(IN) ≤ 5.5 V 0.8 VIL Low-level input voltage V 2.7 V ≤ VI(IN) ≤ 4.5 V 0.5 II Input current EN = 0 V or EN = VI(IN) –0.5 0.5 μA ton Turnon time CL = 100 μF, RL = 10 Ω 20 ms toff Turnoff time CL = 100 μF, RL = 10 Ω 40 ms CURRENT LIMIT TPS2010A 0.22 0.3 0.4 TJ = 25°C, VI = 5.5 V, TPS2011A 0.66 0.9 1.1 IOS Short-circuit output current OUT connected to GND, A TPS2012A 1.1 1.5 1.8 Device enable into short circuit TPS2013A 1.65 2.2 2.7 (1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately. Copyright © 1998–2007, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TPS2010A, TPS2011A TPS2012A, TPS2013A |
Número de pieza similar - TPS2011ADR |
|
Descripción similar - TPS2011ADR |