Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10XSC425EK Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

No. de pieza MC10XSC425EK
Descripción Electrónicos  Quad High Side Switch
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XSC425EK Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC10XSC425EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
10XSC425
4
Electrical Characteristics
4.1
Maximum Ratings
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Ratings
Value
Unit
Notes
ELECTRICAL RATINGS
VPWR(SS)
VPWR Supply Voltage Range
• Load Dump at 25 °C (400 ms)
• Maximum Operating Voltage
• Reverse Battery
41
28
-18
V
VDD
VDD Supply Voltage Range
-0.3 to 5.5
V
VDIG
Input / Output Voltage
-0.3 to 5.5
V
(5)
VSO
SO and CSNS Output Voltage
-0.3 to VDD+0.3
V
IDIG
Digital Input/Output Current in Clamp Mode
100
µA
ICL(WAKE)
WAKE Input Clamp Current
2.5
mA
ICL(CSNS)
CSNS Input Clamp Current
2.5
mA
VHS[0:3]
HS [0:3] Voltage
• Positive
• Negative
41
-24
V
VPWR - VHS
High Side Breakdown Voltage
47
V
IHS[0:3]
Output Current
6.0
A
(2)
ECL[0:1]
HS[0,1] Output Clamp Energy using single pulse method
60
mJ
(3)
ECL[2:3]
HS[2,3] Output Clamp Energy using single pulse method
25
mJ
(3)
VESD1
VESD2
VESD3
VESD4
ESD Voltage (VPWR Pins 9 and 33 must be externally connected.)
• Human Body Model (HBM) for HS[0:3], VPWR and GND
• Human Body Model (HBM) for other pins
• Charge Device Model (CDM)
Corner Pins (1, 13, 19, 21)
All Other Pins (2-12, 14-18, 20, 22-24)
±8000
±2000
±750
±500
V
(4)
Notes
2.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
3.
Active clamp energy using single-pulse method (L = 2.0 mH, RL = 0 , VPWR = 14 V, TJ = 150 C initial).
4.
Pins 9 and 33 must be externally connected. ESD testing is performed in accordance with the Human Body Model (HBM)
(CZAP = 100 pF, RZAP = 1500 ), the Machine Model (MM) (CZAP = 200 pF, RZAP = 0 ), and the Charge Device Model (CDM), Robotic
(CZAP = 4.0 pF).
5.
Input / Output pins are: IN[0:3], RSTB, FSI, SI, SCLK, CSB, and FSB


Número de pieza similar - MC10XSC425EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC10XSC425 FREESCALE-MC10XSC425 Datasheet
8Mb / 2P
   Quad High Side Switch?봁ual 10 m, Dual 25 m
More results

Descripción similar - MC10XSC425EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
   Quad, High-Side Power Switch
Rev 1; 10/94
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
   Quad Intelligent High-Side Switch
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com