Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10XSC425EK Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

No. de pieza MC10XSC425EK
Descripción Electrónicos  Quad High Side Switch
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XSC425EK Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC10XSC425EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XSC425EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
10XSC425


Número de pieza similar - MC10XSC425EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC10XSC425 FREESCALE-MC10XSC425 Datasheet
8Mb / 2P
   Quad High Side Switch?봁ual 10 m, Dual 25 m
More results

Descripción similar - MC10XSC425EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
   Quad, High-Side Power Switch
Rev 1; 10/94
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
   Quad Intelligent High-Side Switch
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com