Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC847C Datasheet(PDF) 9 Page - NXP Semiconductors |
|
BC847C Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 15 page BC847_BC547_SER_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 10 December 2008 9 of 15 NXP Semiconductors BC847/BC547 series 45 V, 100 mA NPN general-purpose transistors VCE =5V (1) Tamb = 150 °C (2) Tamb =25 °C (3) Tamb = −55 °C VCE =5V (1) Tamb = −55 °C (2) Tamb =25 °C (3) Tamb = 150 °C Fig 9. Selection C: DC current gain as a function of collector current; typical values Fig 10. Selection C: Base-emitter voltage as a function of collector current; typical values IC/IB =20 (1) Tamb = 150 °C (2) Tamb =25 °C (3) Tamb = −55 °C IC/IB =10 (1) Tamb = −55 °C (2) Tamb =25 °C (3) Tamb = 150 °C Fig 11. Selection C: Collector-emitter saturation voltage as a function of collector current; typical values Fig 12. Selection C: Base-emitter saturation voltage as a function of collector current; typical values mgt731 10−1 110 102 103 IC (mA) 0 1200 1000 800 600 400 200 hFE (1) (2) (3) 0 1200 1000 800 600 400 200 mgt732 10−2 10−1 110 102 103 IC (mA) VBE (mV) (1) (2) (3) 104 103 102 10 mgt733 10−1 110 102 103 IC (mA) VCEsat (mV) (1) (2) (3) mgt734 10−1 110 102 103 IC (mA) 0 1200 1000 800 600 400 200 VBEsat (mV) (1) (2) (3) |
Número de pieza similar - BC847C |
|
Descripción similar - BC847C |