Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5321ARKZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADL5321ARKZ
Descripción Electrónicos  2.3 GHz to 4.0 GHzWatt RF Driver Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5321ARKZ Datasheet HTML 6Page - Analog Devices ADL5321ARKZ Datasheet HTML 7Page - Analog Devices ADL5321ARKZ Datasheet HTML 8Page - Analog Devices ADL5321ARKZ Datasheet HTML 9Page - Analog Devices ADL5321ARKZ Datasheet HTML 10Page - Analog Devices ADL5321ARKZ Datasheet HTML 11Page - Analog Devices ADL5321ARKZ Datasheet HTML 12Page - Analog Devices ADL5321ARKZ Datasheet HTML 13Page - Analog Devices ADL5321ARKZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5321
Data Sheet
Rev. C | Page 10 of 16
HIGH TEMPERATURE AND 3.3 V OPERATION
The
ADL5321 has excellent performance at temperatures above 85°C. At 105°C, the gain and P1dB decrease by 0.2 dB, the OIP3 decreases by
0.1 dB, and the noise figure increases by 0.31 dB compared with the data at 85°C.
Figure 25 through Figure 27 show the performance at 105°C.
Figure 22. Gain vs. Frequency and Temperature, 5 V Supply, 2.5 GHz to 2.7 GHz
Figure 23. OIP3 and P1dB vs. Frequency and Temperature,
5 V Supply, 2.5 GHz to 2.7 GHz
Figure 24. Noise Figure vs. Frequency and Temperature,
5 V Supply, 2.5 GHz to 2.7 GHz
Figure 25. Gain vs. Frequency and Temperature, 3.3 V Supply, 2.5 GHz to 2.7 GHz
Figure 26. OIP3 and P1dB vs. Frequency and Temperature,
3.3 V Supply, 2.5 GHz to 2.7 GHz
Figure 27. Noise Figure vs. Frequency and Temperature,
3.3 V Supply 2.5 GHz to 2.7 GHz
16.0
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
2.500
2.700
2.675
2.650
2.625
2.600
2.575
2.550
2.525
FREQUENCY (GHz)
25°C
85°C
105°C
42
41
40
39
38
37
36
35
34
32
31
30
29
28
27
26
25
24
2.500
2.700
2.675
2.650
2.625
2.600
2.575
2.550
2.525
FREQUENCY (GHz)
25°C
85°C
105°C
OIP3
P1dB
5.5
5.0
4.5
4.0
3.5
3.0
2.50
2.70
2.65
2.60
2.55
FREQUENCY (GHz)
25°C
85°C
105°C
15.0
10.0
2.500
2.525
2.700
2.675
2.650
2.625
2.600
2.575
2.555
FREQUENCY (GHz)
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
25°C
85°C
105°C
–40°C
33
26
2.500
2.525
2.700
2.675
2.650
2.625
2.600
2.575
2.555
FREQUENCY (GHz)
27
28
29
30
31
32
27
20
21
22
23
24
25
26
P1dB (25°C)
P1dB (–40°C)
P1dB (+105°C)
P1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
OIP3 (+105°C)
7
5
6
4
3
2
1
2.2
2.9
2.5
2.6
2.8
2.7
2.4
2.3
FREQUENCY (GHz)
85°C
105°C
25°C
–40°C


Número de pieza similar - ADL5321ARKZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
445Kb / 16P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
427Kb / 16P
   RF Driver Amplifier
More results

Descripción similar - ADL5321ARKZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
logo
TriQuint Semiconductor
TGA2731-SM TRIQUINT-TGA2731-SM_15 Datasheet
2Mb / 15P
   2.7 to 4.0 GHz Driver Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
   2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
Hittite Microwave Corpo...
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com