Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6008V656 Datasheet(PDF) 10 Page - Littelfuse

No. de pieza L6008V656
Descripción Electrónicos  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6008V656 Datasheet(HTML) 10 Page - Littelfuse

Back Button L6008V656 Datasheet HTML 6Page - Littelfuse L6008V656 Datasheet HTML 7Page - Littelfuse L6008V656 Datasheet HTML 8Page - Littelfuse L6008V656 Datasheet HTML 9Page - Littelfuse L6008V656 Datasheet HTML 10Page - Littelfuse L6008V656 Datasheet HTML 11Page - Littelfuse L6008V656 Datasheet HTML 12Page - Littelfuse L6008V656 Datasheet HTML 13Page - Littelfuse L6008V656 Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
84
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Dimensions — TO-263AB (N-Package) — D2-PAK Surface Mount
Dimensions — TO-251AA (V-Package) — V-PAK Through Hole
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.044
0.050
1.02
1.11
1.27
B
0.235
0.242
0.245
5.97
6.15
6.22
C
0.350
0.361
0.375
8.89
9.18
9.53
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.66
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.34
2.41
I
0.176
0.180
0.184
4.47
4.57
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.038
0.040
0.044
0.97
1.01
1.12
L
0.018
0.020
0.023
0.46
0.52
0.58
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
R
0.034
0.039
0.044
0.86
1.00
1.11
S
0.074
0.079
0.084
1.86
2.00
2.11
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78
G
B
A
W
V
S
MT1
MT2
T
C MEASURING POINT
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
11.68
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
2.16
.055
1.40
.350
8.89
.276
7.01
.276
7.01
AREA: 0.11 IN2
D
F
AREA: 0.040 IN2
T
C MEASURING POINT
GATE
G
I
E
D
A
B
C
F
J
H
K
L
5.28
.208
5.34
.210
MT2
MT1
MT2
P
Q
R
S


Número de pieza similar - L6008V656

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teccor Electronics
L6008V6 TECCOR-L6008V6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6008V6 LITTELFUSE-L6008V6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6008V6 TECCOR-L6008V6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6008V6 LITTELFUSE-L6008V6 Datasheet
176Kb / 8P
   Sensitive Triacs
L6008V6 LITTELFUSE-L6008V6 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Descripción similar - L6008V656

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com