Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDS-130J Datasheet(PDF) 5 Page - CUI INC

No. de pieza SDS-130J
Descripción Electrónicos  STANDARD DIN CONNECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

SDS-130J Datasheet(HTML) 5 Page - CUI INC

  SDS-130J Datasheet HTML 1Page - CUI INC SDS-130J Datasheet HTML 2Page - CUI INC SDS-130J Datasheet HTML 3Page - CUI INC SDS-130J Datasheet HTML 4Page - CUI INC SDS-130J Datasheet HTML 5Page - CUI INC SDS-130J Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: SDS-XXJ │ DESCRIPTION: STANDARD DIN CONNECTOR
date
04/26/2012 │ page 5 of 6
SDS-70J
10.0 0.394
15.0 0.591
2.40
(2 PLCS)
0.094
12.5 0.492
(4 PLCS)
10.0 0.394
(3 PLCS)
5.00 0.197
1.30 0.051
(9 PLCS)
5.0 0.197
(2 PLCS)
4.05 0.159
45°
25°
5.00 0.197
10.00 0.394
15.00 0.591
19.00 0.748
7.00 0.276
3.50 0.138
(2 PLCS)
2.50 0.098
10.00 0.394
12.50 0.492
5.00 0.197
6.50 0.256
1.6
(TYP)
0.063
0.394
10.00
0.083
2.10
0.059
(2 PLCS)
20.00 0.787
1.50
2.00 0.079
(3 PLCS)
0.728
18.50
19.50 0.768
0.039
(9 PLCS)
0.071
1.80
1.00
21.10 0.831
PCB LAYOUT
TOP VIEW
2
1
(2PLCS)
Mounting Hole
3
5
2
75 4
6
3
7
1
6
4
SDS-80J
1.3 0.051
(10 PLCS)
0.394
(3 PLCS)
0.591
15.0
10.0
0.197
(2 PLCS)
5.0
2.4
(2 PLCS)
0.094
15.0 0.591
10.0 0.394
5.0 0.197
12.5 0.492
(4 PLCS)
7.0 0.276
25°
0.161
45°
10.0 0.394
10.0 0.394
5.0 0.197
(2 PLCS)
0.028
0.748
19.0
4.1
0.7
15.0 0.591
0.256
6.5
5.0 0.197
12.5 0.492
2.5 0.098
1.6 0.063 (TYP)
10.0 0.394
2.5 0.098
1.6
0.055
(2 PLCS)
0.067
1.7
0.063
1.4
(3 PLCS)
20.0 0.787
1.0 0.039
(2 PLCS)
Mounting Hole
(2 PLCS)
8
4
2
6
1
3
7
4
2
5
8
5
1
6
7
3
PCB LAYOUT
TOP VIEW
1.8 0.071
0.831
21.1
19.5 0.768
(TYP)
0.138
0.039
(TYP)
3.5
1.0
18.5 0.728


Número de pieza similar - SDS-130J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
SDS-00-1R CK-COMPONENTS-SDS-00-1R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-2R CK-COMPONENTS-SDS-00-2R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-4R CK-COMPONENTS-SDS-00-4R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-5-R CK-COMPONENTS-SDS-00-5-R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
logo
List of Unclassifed Man...
SDS-030A24 ETC2-SDS-030A24 Datasheet
111Kb / 2P
   Power ON with LED indicator
More results

Descripción similar - SDS-130J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com