Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL5500 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza SL5500
Descripción Electrónicos  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5500 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SL5500 Datasheet HTML 1Page - Fairchild Semiconductor SL5500 Datasheet HTML 2Page - Fairchild Semiconductor SL5500 Datasheet HTML 3Page - Fairchild Semiconductor SL5500 Datasheet HTML 4Page - Fairchild Semiconductor SL5500 Datasheet HTML 5Page - Fairchild Semiconductor SL5500 Datasheet HTML 6Page - Fairchild Semiconductor SL5500 Datasheet HTML 7Page - Fairchild Semiconductor SL5500 Datasheet HTML 8Page - Fairchild Semiconductor SL5500 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6/30/03
Page 2 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
SL5500
SL5501
SL5504
SL5511
Parameters
Symbol
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
-55 to +150
°C
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Power Dissipation at TA = 25°C Ambient
PD
260
mW
Derate Linearly from 25°C
3.3
mW/°C
EMITTER
Continuous Reverse Voltage
VR
3V
Continuous Forward Current
IF
100
mA
Forward Current - Peak (10 µs pulse,
δ = 0.01)
IF(pk)
3.0
A
Total Power Dissipation TA = 25°C Ambient
PD
150
mW
Derate Linearly from 25°C
2.0
mW/°C
DETECTOR
Collector to Emitter Voltage (open base)
SL5500, SL5501, SL5511
VCEO
30
V
SL5504
80
Collector to Base Voltage (open emitter)
SL5500, SL5501, SL5511
VCBO
70
V
SL5504
120
Emitter to Collector Voltage (open base)
VECO
7V
Emitter to Base Voltage (open colletor)
VEBO
7V
DC Collector Current
IC
100
mA
Detector Power Dissipation @ TA = 25°C Ambient
PD
150
mW
Derate Linearly from 25°C
2.0
mW/°C


Número de pieza similar - SL5500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500 FAIRCHILD-SL5500 Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500 FAIRCHILD-SL5500 Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Descripción similar - SL5500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com