Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM136-2.5 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM136-2.5
Descripción Electrónicos  Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM136-2.5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM136-2.5 Datasheet HTML 3Page - Texas Instruments LM136-2.5 Datasheet HTML 4Page - Texas Instruments LM136-2.5 Datasheet HTML 5Page - Texas Instruments LM136-2.5 Datasheet HTML 6Page - Texas Instruments LM136-2.5 Datasheet HTML 7Page - Texas Instruments LM136-2.5 Datasheet HTML 8Page - Texas Instruments LM136-2.5 Datasheet HTML 9Page - Texas Instruments LM136-2.5 Datasheet HTML 10Page - Texas Instruments LM136-2.5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance
Characteristics (Continued)
Temperature Drift
00571527
Application Hints
The LM136 series voltage references are much easier to use
than ordinary zener diodes. Their low impedance and wide
operating current range simplify biasing in almost any circuit.
Further, either the breakdown voltage or the temperature
coefficient can be adjusted to optimize circuit performance.
Figure 1 shows an LM136 with a 10k potentiometer for
adjusting the reverse breakdown voltage. With the addition
of R1 the breakdown voltage can be adjusted without affect-
ing the temperature coefficient of the device. The adjustment
range is usually sufficient to adjust for both the initial device
tolerance and inaccuracies in buffer circuitry.
If minimum temperature coefficient is desired, two diodes
can be added in series with the adjustment potentiometer as
shown in Figure 2. When the device is adjusted to 2.490V
the temperature coefficient is minimized. Almost any silicon
signal diode can be used for this purpose such as a 1N914,
1N4148 or a 1N457. For proper temperature compensation
the diodes should be in the same thermal environment as
the LM136. It is usually sufficient to mount the diodes near
the LM136 on the printed circuit board. The absolute resis-
tance of R1 is not critical and any value from 2k to 20k will
work.
00571528
FIGURE 1. LM136 With Pot for Adjustment
of Breakdown Voltage
(Trim Range = ±120 mV typical)
00571529
FIGURE 2. Temperature Coefficient Adjustment
(Trim Range = ±70 mV typical)
www.national.com
6


Número de pieza similar - LM136-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM136-2.5 TI-LM136-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5 Datasheet
137Kb / 4P
   2.5V Reference
More results

Descripción similar - LM136-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
   Reference Diode
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
   Reference Diode
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113QML TI1-LM113QML_13 Datasheet
297Kb / 10P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113 TI1-LM113_13 Datasheet
293Kb / 10P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
   Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
   FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com