Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC8831IBRGYT Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza DAC8831IBRGYT
Descripción Electrónicos  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831IBRGYT Datasheet(HTML) 3 Page - Texas Instruments

  DAC8831IBRGYT Datasheet HTML 1Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 2Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 3Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 4Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 5Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 6Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 7Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 8Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8830
DAC8831
SLAS449D – FEBRUARY 2005 – REVISED SEPTEMBER 2007
All specifications at TA = TMIN to TMAX, VDD = +3 V or VDD = +5 V, VREF = +2.5 V unless otherwise noted.
DAC8830, DAC8831
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
bits
DAC8830ICD,
DAC8831ICD,
±0.5
±1
DAC8831ICRGY
DAC8830IBD,
Linearity error
DAC8831IBD,
±0.5
±2
LSB
DAC8831IBRGY
DAC8830ID,
DAC8831ID,
±0.5
±4
DAC8831IRGY
Differential linearity error
All grades
±0.5
±1
LSB
TA = +25°C
±1
±5
Gain error
LSB
TA = –40°C to +85°C
±7
Gain drift
±0.1
ppm/
°C
TA = +25°C
±0.25
±1
Zero code error
LSB
TA = –40°C to +85°C
±2
Zero code drift
±0.05
ppm/
°C
OUTPUT CHARACTERISTICS
All devices
Unipolar operation
0
+VREF
V
Voltage output(1)
DAC8831 only
Bipolar operation
–VREF
+VREF
V
Output impedance
6.25
k
Settling time
To 1/2 LSB of FS, CL = 10 pF
1
μs
Slew rate(2)
CL = 10 pF
25
V/
μs
Digital-to-analog glitch
1 LSB change around major carry
35
nV-s
Digital feedthrough(3)
0.2
nV-s
DAC8830
10
Output noise
TA = +25°C
nV/
√Hz
DAC8831
18
Power-supply rejection
VDD varies ±10%
±1
LSB
RFB / RINV
1
Ω/Ω
Bipolar resistor
DAC8831 only
matching
Ratio error
±0.0015
±0.0076
%
TA = +25°C
±0.25
±5
Bipolar zero error
DAC8831 only
LSB
TA = –40°C to +85°C
±7
Bipolar zero drift
DAC8831 only
±0.2
ppm/
°C
(1)
The DAC8830 output is unipolar (0 V to +VREF). The DAC8831 output is bipolar (±VREF) when it connects to an external buffer (see the
Bipolar Output Operation section for details).
(2)
Slew rate is measured from 10% to 90% of transition when the output changes from 0 to full-scale.
(3)
Digital feedthrough is defined as the impulse injected into the analog output from the digital input. It is measured when the DAC output
does not change; CS is held high, while SCLK and DIN signals are toggled.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC8830 DAC8831


Número de pieza similar - DAC8831IBRGYT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC8831IBRGYT BURR-BROWN-DAC8831IBRGYT Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

Descripción similar - DAC8831IBRGYT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com