Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC68HC000 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

No. de pieza MC68HC000
Descripción Electrónicos  8-/16-/32-Bit Microprocessors User Manual
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC000 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MC68HC000 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 189 page
background image
MOTOROLA
M68000 8-/16-/32-BIT MICROPROCESSORS USER'S MANUAL
4- 3
A bus cycle consists of eight states. The various signals are asserted during specific
states of a read cycle, as follows:
STATE 0
The read cycle starts in state 0 (S0). The processor places valid function
codes on FC0–FC2 and drives R/W high to identify a read cycle.
STATE 1
Entering state 1 (S1), the processor drives a valid address on the address
bus.
STATE 2
On the rising edge of state 2 (S2), the processor asserts AS and LDS,
or DS.
STATE 3
During state 3 (S3), no bus signals are altered.
STATE 4
During state 4 (S4), the processor waits for a cycle termination signal
(DTACK or BERR) or VPA, an M6800 peripheral signal. When VPA is
asserted during S4, the cycle becomes a peripheral cycle (refer to
Appendix B M6800 Peripheral Interface). If neither termination signal is
asserted before the falling edge at the end of S4, the processor inserts wait
states (full clock cycles) until either DTACK or BERR is asserted.
STATE 5
During state 5 (S5), no bus signals are altered.
STATE 6
During state 6 (S6), data from the device is driven onto the data bus.
STATE 7
On the falling edge of the clock entering state 7 (S7), the processor latches
data from the addressed device and negates AS and LDS , or DS. At
the rising edge of S7, the processor places the address bus in the high-
impedance state. The device negates DTACK or BERR at this time.
NOTE
During an active bus cycle, VPA and BERR are sampled on
every falling edge of the clock beginning with S4, and data is
latched on the falling edge of S6 during a read cycle. The bus
cycle terminates in S7, except when BERR is asserted in the
absence of DTACK. In that case, the bus cycle terminates one
clock cycle later in S9.
4.1.2 Write Cycle
During a write cycle, the processor sends bytes of data to the memory or peripheral
device. Figures 4-3 and 4-4 illustrate the write-cycle operation
The 8-bit operation performs two write cycles for a word write operation, issuing the data
strobe signal during each cycle. The address bus includes the A0 bit to select the desired
byte.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC68HC000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
MC68HC000CFN10 MOTOROLA-MC68HC000CFN10 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
More results

Descripción similar - MC68HC000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC12 FREESCALE-MC68HC000RC12 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68040FE33A FREESCALE-MC68040FE33A Datasheet
13Mb / 450P
   MICROPROCESSORS USER MANUAL
MC68020FE33E FREESCALE-MC68020FE33E Datasheet
1Mb / 306P
   MICROPROCESSORS USER?셎 MANUAL
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
logo
Motorola, Inc
DSP56602 MOTOROLA-DSP56602 Datasheet
2Mb / 340P
   16-Bit Digital Signal Processor User manual
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com