Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC68HC000 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

No. de pieza MC68HC000
Descripción Electrónicos  8-/16-/32-Bit Microprocessors User Manual
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC000 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC68HC000 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC000 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 189 page
background image
4- 6
M68000 8-/16-/32-BIT MICROPROCESSORS USER'S MANUAL
MOTOROLA
BUS MASTER
ADDRESS THE DEVICE
1) SET R/W TO READ
2) PLACE FUNCTION CODE ON FC2–FC0
3) PLACE ADDRESS ON A23–A0
4) ASSERT ADDRESS STROBE (AS)
5) ASSERT LOWER DATA STROBE (LDS)
(DS ON MC68008)
TERMINATE THE CYCLE
INPUT THE DATA
1) DECODE ADDRESS
2) PLACE DATA ON D7–D0
3) ASSERT DATA TRANSFER
ACKNOWLEDGE (DTACK)
SLAVE
START NEXT CYCLE
1) REMOVE DATA FROM D7–D0
2) NEGATE DTACK
1) LATCH DATA
1) NEGATE LDS OR DS
2) START DATA MODIFICATION
ACQUIRE THE DATA
START OUTPUT TRANSFER
1) SET R/W TO WRITE
2) PLACE DATA ON D7–D0
3) ASSERT LOWER DATA STROBE (LDS)
(DS ON MC68008)
TERMINATE OUTPUT TRANSFER
1) NEGATE DS OR LDS
2) NEGATE AS
3) REMOVE DATA FROM D7–D0
4) SET R/W TO READ
INPUT THE DATA
1) STORE DATA ON D7–D0
2) ASSERT DATA TRANSFER
ACKNOWLEDGE (DTACK)
TERMINATE THE CYCLE
1) NEGATE DTACK
Figure 4-5. Read-Modify-Write Cycle Flowchart
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC68HC000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
MC68HC000CFN10 MOTOROLA-MC68HC000CFN10 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
More results

Descripción similar - MC68HC000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC12 FREESCALE-MC68HC000RC12 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68040FE33A FREESCALE-MC68040FE33A Datasheet
13Mb / 450P
   MICROPROCESSORS USER MANUAL
MC68020FE33E FREESCALE-MC68020FE33E Datasheet
1Mb / 306P
   MICROPROCESSORS USER?셎 MANUAL
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
logo
Motorola, Inc
DSP56602 MOTOROLA-DSP56602 Datasheet
2Mb / 340P
   16-Bit Digital Signal Processor User manual
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com