Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QT1 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

No. de pieza MC908QT1
Descripción Electrónicos  M68HC08 Microcontrollers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT1 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC908QT1 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QT1 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 184 page
background image
Analog-to-Digital Converter (ADC)
MC68HC908QY/QT Family Data Sheet, Rev. 6
44
Freescale Semiconductor
3.3.2 Voltage Conversion
When the input voltage to the ADC equals VDD, the ADC converts the signal to $FF (full scale). If the input
voltage equals VSS, the ADC converts it to $00. Input voltages between VDD and VSS are a straight-line
linear conversion. All other input voltages will result in $FF if greater than VDD and $00 if less than VSS.
NOTE
Input voltage should not exceed the analog supply voltages.
3.3.3 Conversion Time
Sixteen ADC internal clocks are required to perform one conversion. The ADC starts a conversion on the
first rising edge of the ADC internal clock immediately following a write to the ADSCR. If the ADC internal
clock is selected to run at 1 MHz, then one conversion will take 16
μs to complete. With a 1-MHz ADC
internal clock the maximum sample rate is 62.5 kHz.
3.3.4 Continuous Conversion
In the continuous conversion mode (ADCO = 1), the ADC continuously converts the selected channel
filling the ADC data register (ADR) with new data after each conversion. Data from the previous
conversion will be overwritten whether that data has been read or not. Conversions will continue until the
ADCO bit is cleared. The COCO bit (ADSCR, $003C) is set after each conversion and will stay set until
the next read of the ADC data register.
When a conversion is in process and the ADSCR is written, the current conversion data should be
discarded to prevent an incorrect reading.
3.3.5 Accuracy and Precision
The conversion process is monotonic and has no missing codes.
3.4 Interrupts
When the AIEN bit is set, the ADC module is capable of generating a central processor unit (CPU)
interrupt after each ADC conversion. A CPU interrupt is generated if the COCO bit is at 0. The COCO bit
is not used as a conversion complete flag when interrupts are enabled.
3.5 Low-Power Modes
The following subsections describe the ADC in low-power modes.
3.5.1 Wait Mode
The ADC continues normal operation during wait mode. Any enabled CPU interrupt request from the ADC
can bring the microcontroller unit (MCU) out of wait mode. If the ADC is not required to bring the MCU out
of wait mode, power down the ADC by setting the CH[4:0] bits in ADSCR to 1s before executing the WAIT
instruction.
16 ADC Clock Cycles
Conversion Time =
ADC Clock Frequency
Number of Bus Cycles = Conversion Time
× Bus Frequency


Número de pieza similar - MC908QT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QT1 FREESCALE-MC908QT1 Datasheet
1Mb / 184P
   Microcontrollers
MC908QT1 FREESCALE-MC908QT1 Datasheet
1Mb / 184P
   Microcontrollers
MC908QT1 FREESCALE-MC908QT1 Datasheet
1Mb / 184P
   M68HC08 Microcontrollers
MC908QT1A FREESCALE-MC908QT1A Datasheet
1Mb / 200P
   Microcontrollers
MC908QT1A FREESCALE-MC908QT1A Datasheet
2Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com