Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V320 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza V320
Descripción Electrónicos  V320 8-Bit Registered Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

V320 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button V320 Datasheet HTML 2Page - Fairchild Semiconductor V320 Datasheet HTML 3Page - Fairchild Semiconductor V320 Datasheet HTML 4Page - Fairchild Semiconductor V320 Datasheet HTML 5Page - Fairchild Semiconductor V320 Datasheet HTML 6Page - Fairchild Semiconductor V320 Datasheet HTML 7Page - Fairchild Semiconductor V320 Datasheet HTML 8Page - Fairchild Semiconductor V320 Datasheet HTML 9Page - Fairchild Semiconductor V320 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
(
−40°C to 85°C, V
CC = 4.5V to 5.5V) 8 Output Switching
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to outputs switching in the same direction also.
Note 7: Device to Device Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs from any two
devices.
Note 8: 3-STATE delays are dominated by the RC Network (500
Ω/ 250 pF, or 500 Ω/ 500 pF) on the output and thus have been excluded from this
datasheet.
Symbol
From
(Input)
Mode
To
(Output)
Min
Typ
Max
Units
Output Load: CL = 50 pF, RL = 500Ω, 8 Outputs Switching
tPLH, tPHL
CLKAB/CLKBA
Register
Bus A or B
1.5
6.6
ns
tPLH, tPHL
Bus A or B
Transparent
Bus A or B
1.5
6.3
ns
tPLH, tPHL
SELAB/SELBA
Select Bus
Bus A or B
1.5
6.6
ns
tPLZ, tPHZ
OE
Output Disable
Bus A or B
1.5
6.6
ns
tPZH, tPZL
OE
Output Enable
Bus A or B
1.5
6.6
ns
tPLZ, tPHZ
Direction (D)
Dir. Disable
Bus A or B
1.5
6.6
ns
tPZH, tPZL
Direction (D)
Dir. Enable
Bus A or B
1.5
7.6
ns
tOSHL
Output to Output Skew (Note 6)
1.3
ns
tOSHL
Output to Output Skew (Note 6)
1.1
ns
tRISE
Transition Time, Outputs (1V to 2V)
0.5
1.5
ns
tFALL
Transition Time, Outputs (1V to 2V)
0.4
1.9
ns
Output Load: CL = 250 pF, RL = 500Ω, 8 Outputs Switching
tPLH, tPHL
CLKAB/CLKBA
Register
Bus A or B
2.5
11.2
ns
tPLH, tPHL
Bus A or B
Transparent
Bus A or B
2.5
9.5
ns
tPLH, tPHL
SELAB/SELBA
Select Bus
Bus A or B
2.5
11.2
ns
tPLZ, tPHZ
OE
Output Disable
Bus A or B
(Note 8)
(Note 8)
ns
tPZH, tPZL
OE
Output Enable
Bus A or B
2.5
11.5
ns
tPLZ, tPHZ
Direction (D)
Dir. Disable
Bus A or B
(Note 8)
(Note 8)
ns
tPZH, tPZL
Direction (D)
Dir. Enable
Bus A or B
2.5
13.5
ns
tOSHL
Output to Output Skew (Note 8)
2.5
ns
tOSLH
Output to Output Skew (Note 8)
2.0
ns
tRISE
Transition Time, Outputs (1V to 2V)
2.0
5.5
ns
tFALL
Transition Time, Outputs (1V to 2V)
1.4
4.4
ns
Output Load: CL = 500 pF, RL = 500Ω, 8 Outputs Switching
tPLH, tPHL
CLKAB/CLKBA
Register
Bus A or B
3.5
17.0
ns
tPLH, tPHL
Bus A or B
Transparent
Bus A or B
3.5
15.9
ns
tPLH, tPHL
SELAB/SELBA
Select Bus
Bus A or B
3.5
17.0
ns
tPLZ, tPHZ
OE
Output Disable
Bus A or B
(Note 8)
(Note 8)
ns
tPZH, tPZL
OE
Output Enable
Bus A or B
3.5
18.5
ns
tPLZ, tPHZ
Direction (D)
Dir. Disable
Bus A or B
(Note 8)
(Note 8)
ns
tPZH, tPZL
Direction (D)
Dir. Enable
Bus A or B
3.5
22.3
ns
tOSHL
Output to Output Skew (Note 6)
3.9
ns
tOSLH
Output to Output Skew (Note 6)
3.1
ns
tRISE
Transition Time, Outputs (1V to 2V)
4.4
7.8
ns
tFALL
Transition Time, Outputs (1V to 2V)
2.5
6.6
ns


Número de pieza similar - V320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
V3200 HEYCO-V3200 Datasheet
266Kb / 1P
   Tite Liquid Tight Cordgrips in Halogen Free V-0 Nylon
V3207 HEYCO-V3207 Datasheet
304Kb / 1P
   Tite Liquid Tight Cordgrips
logo
Littelfuse
V320LA10 LITTELFUSE-V320LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V320LA10 LITTELFUSE-V320LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V320LA10 LITTELFUSE-V320LA10 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Descripción similar - V320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336 Datasheet
64Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com