Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8639WARZ-RL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8639WARZ-RL
Descripción Electrónicos  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8639WARZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8639WARZ-RL Datasheet HTML 5Page - Analog Devices AD8639WARZ-RL Datasheet HTML 6Page - Analog Devices AD8639WARZ-RL Datasheet HTML 7Page - Analog Devices AD8639WARZ-RL Datasheet HTML 8Page - Analog Devices AD8639WARZ-RL Datasheet HTML 9Page - Analog Devices AD8639WARZ-RL Datasheet HTML 10Page - Analog Devices AD8639WARZ-RL Datasheet HTML 11Page - Analog Devices AD8639WARZ-RL Datasheet HTML 12Page - Analog Devices AD8639WARZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8638/AD8639
Rev. F | Page 9 of 20
TA = 25°C, unless otherwise noted.
FREQUENCY (Hz)
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
VSY = ±2.5V
Figure 23. CMRR vs. Frequency
FREQUENCY (Hz)
120
100
80
60
40
0
20
–20
10
100
1k
10k
100k
1M
10M
PSRR+
PSRR–
VSY = ±2.5V
Figure 24. PSRR vs. Frequency
80
70
60
50
40
30
20
10
0
10
100
1k
LOAD CAPACITANCE (pF)
OS+
VSY = ±2.5V
RL = 10kΩ
OS–
Figure 25. Small Signal Overshoot vs. Load Capacitance
FREQUENCY (Hz)
140
120
100
80
60
40
20
0
100
10M
1M
100k
10k
1k
VSY = ±8V
Figure 26. CMRR vs. Frequency
FREQUENCY (Hz)
120
100
80
60
40
0
20
–20
10
100
1k
10k
100k
1M
10M
PSRR+
VSY = ±8V
PSRR–
Figure 27. PSRR vs. Frequency
80
70
60
50
40
30
20
10
0
10
100
1k
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = ±8V
RL = 10kΩ
Figure 28. Small Signal Overshoot vs. Load Capacitance


Número de pieza similar - AD8639WARZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8639WARZ-RL AD-AD8639WARZ-RL Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8639WARZ-RL AD-AD8639WARZ-RL Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
More results

Descripción similar - AD8639WARZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8638 AD-AD8638 Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Texas Instruments
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com