Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9859YSV-REEL7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9859YSV-REEL7
Descripción Electrónicos  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9859YSV-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD9859YSV-REEL7 Datasheet HTML 1Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 2Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 3Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 4Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 5Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 6Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 7Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 8Page - Analog Devices AD9859YSV-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9859
Rev. A | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
DVDD_I/O (Pin 43)
4 V
AVDD, DVDD
2 V
Digital Input Voltage (DVDD_I/O = 3.3 V)
–0.7 V to +5.25 V
Digital Input Voltage (DVDD_I/O = 1.8 V)
–0.7 V to +2.2 V
Digital Output Current
5 mA
Storage Temperature
–65°C to +150°C
Operating Temperature
–40°C to +105°C
Lead Temperature (10 sec Soldering)
300°C
θ
JA
38°C/W
θ
JC
15°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
IOUT
IOUT
MUST TERMINATE
OUTPUTS TO AVDD. DO
NOT EXCEED THE
OUTPUT VOLTAGE
COMPLIANCE RATING.
DAC OUTPUTS
DVDD_I/O
INPUT
DIGITAL
INPUTS
AVOID OVERDRIVING
DIGITAL INPUTS.
FORWARD BIASING
ESD DIODES MAY
COUPLE DIGITAL NOISE
ONTO POWER PINS.
Figure 2. Equivalent Input and Output Circuits


Número de pieza similar - AD9859YSV-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9859YSV-REEL7 AD-AD9859YSV-REEL7 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859YSV-REEL7 AD-AD9859YSV-REEL7 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results

Descripción similar - AD9859YSV-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com