Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9887AKS-140 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9887AKS-140
Descripción Electrónicos  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9887AKS-140 Datasheet(HTML) 4 Page - Analog Devices

  AD9887AKS-140 Datasheet HTML 1Page - Analog Devices AD9887AKS-140 Datasheet HTML 2Page - Analog Devices AD9887AKS-140 Datasheet HTML 3Page - Analog Devices AD9887AKS-140 Datasheet HTML 4Page - Analog Devices AD9887AKS-140 Datasheet HTML 5Page - Analog Devices AD9887AKS-140 Datasheet HTML 6Page - Analog Devices AD9887AKS-140 Datasheet HTML 7Page - Analog Devices AD9887AKS-140 Datasheet HTML 8Page - Analog Devices AD9887AKS-140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AD9887A
Rev. B | Page 4 of 52
AD9887AKS-100
AD9887AKS-140
AD9887AKS-170
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS
Voltage High, VIH
Full
VI
2.6
2.6
2.6
V
Voltage Low, VIL
Full
VI
0.8
0.8
0.8
V
Current High, VIH
Full
IV
−1.0
−1.0
−1.0
μA
Current Low, VIL
Full
IV
1.0
1.0
1.0
μA
Capacitance
25°C
V
3
3
3
pF
DIGITAL OUTPUTS
Voltage High, VOH
Full
VI
2.4
2.4
2.4
V
Voltage Low, VOL
Full
VI
0.4
0.4
0.4
V
Duty Cycle
DATACK, DATACK
Full
IV
45
55
60
45
55
60
45
55
65
%
Output Coding
Binary
Binary
Binary
POWER SUPPLIES
VD Supply Voltage
Full
IV
3.15
3.3
3.45
3.15
3.3
3.45
3.15
3.3
3.45
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.45
2.2
3.3
3.45
2.2
3.3
3.45
V
PVD Supply Voltage
Full
IV
3.15
3.3
3.45
3.15
3.3
3.45
3.15
3.3
3.45
V
ID Supply Current, VD
25°C
V
167
185
230
mA
IDD Supply Current, VDD5
25°C
V
33
46
55
mA
IPVD Supply Current, PVD
25°C
V
43
43
60
mA
Total Supply Current5
Full
VI
243
330
274
360
345
390
mA
Power-Down Supply
Current
Full
VI
90
120
90
120
90
120
mA
DYNAMIC PERFORMANCE
Analog Bandwidth,
Full Power
25°C
V
330
330
330
MHz
Transient Response
25°C
V
2
2
2
ns
Overvoltage Recovery
Time
25°C
V
1.5
1.5
1.5
ns
Signal-to-Noise Ratio
(SNR)6
25°C
V
46
46
45
dB
fIN = 40.7 MHz
Crosstalk
Full
V
60
60
60
dBc
THERMAL CHARACTERISTICS
θJA Junction-to-Ambient
Thermal Resistance7
V
37
37
37
°C/W
1 Drive strength = 11.
2 VCO range = 01, charge-pump current = 001, PLL divider = 1693.
3 VCO range = 10, charge-pump current = 110, PLL divider = 1600.
4 VCO range = 11, charge-pump current = 110, PLL divider = 2159.
5 DEMUX = 1, DATACK and DATACK load = 10 pF, data load = 5 pF.
6 Using external pixel clock.
7 Simulated typical performance with package mounted to a 4-layer board.


Número de pieza similar - AD9887AKS-140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9887AKS-140 AD-AD9887AKS-140 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Descripción similar - AD9887AKS-140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com