Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDC1044AB9C Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza TDC1044AB9C
Descripción Electrónicos  Monolithic Video A/D Converter 4-Bit, 25 Msps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1044AB9C Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button TDC1044AB9C Datasheet HTML 2Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 3Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 4Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 5Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 6Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 7Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 8Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 9Page - Fairchild Semiconductor TDC1044AB9C Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TDC1044A
PRODUCT SPECIFICATION
6
Electrical Characteristics
Within specified operating conditions
Note:
1. Worst case: all digital inputs and outputs LOW.
Switching Characteristics
Within specified operating conditions
Parameter
Test Conditions
Min.
Max.
Units
ICC
Positive Supply Current
VCC = Max, static
1
15
mA
IEE
Negative Supply Current
VEE = Max, static
TA = 0
°C to 70°C
-50
mA
TA = 70
°C
-40
mA
IREF
Reference Current
VRT, VRB = Nom
2
mA
RREF
Total Reference Resistance
500
Ohms
RIN
Input Equivalent Resistance
VRT, VRB = Nom, VIN = VRB
250
Kohms
CIN
Input Capacitance
25
pF
ICB
Input Constant Bias Current
VEE = Max
40
mA
IIL
Input Current, Logic LOW
VCC = Max, VI - 0.5V
CONV
-0.8
mA
NMINV, NLINV
-0.8
mA
IIH
Input Current, Logic HIGH
VCC = Max, VI = 2.4V
200
mA
II
Input Current, Max Input Voltage
VCC = Max, VI = 5.5V
1.0
mA
VOL
Output Voltage, Logic LOW
VCC = Min, IOL = Max
0.5
V
VOH
Output Voltage, Logic HIGH
VCC = Min, IOH = Max
2.4
V
IOS
Short Circuit Output Current
VCC = Max, One pin to ground, one
second duration, Output HIGH
-300
mA
CI
Digital Input Capacitance
TA = 25
°C, F = 1 MHz
15
pF
Parameter
Test Conditions
Min.
Max.
Units
FS
Maximum Conversion Rate
VCC = Min, VEE = Min
25
Msps
tSTO
Sampling Time Offset
VCC = Min, VEE = Min
10
ns
tD
Digital Output Delay
VCC = Min, VEE = Min, Load 1
30
ns
tHO
Digital Output Hold Time
VCC = Max, VEE = Max, Load 1
5
ns


Número de pieza similar - TDC1044AB9C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cornell Dubilier Electr...
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Descripción similar - TDC1044AB9C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com