Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDC1044AR4C Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza TDC1044AR4C
Descripción Electrónicos  Monolithic Video A/D Converter 4-Bit, 25 Msps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1044AR4C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TDC1044AR4C Datasheet HTML 1Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 2Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 3Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 4Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 5Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 6Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 7Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 8Page - Fairchild Semiconductor TDC1044AR4C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TDC1044A
PRODUCT SPECIFICATION
2
Functional Description
General Information
The TDC1044A has three functional sections: a comparator
array, encoding logic, and an output register. The comparator
array compares the input signal with 15 reference voltages to
produce an N-of-15 thermometer code. All the comparators
referred to voltages more positive than the input signal will
be off, and those referred to voltages more negative than the
input signal will be on. Encoding logic converts the N-of-15
code into binary or two’s complement coding and can invert
either output code. This coding function is controlled by DC
signals on pins NMINV and NLINV. The output register
holds the output constant between updates.
Power
The TDC1044A operates from two power supply voltages,
+5.0V and -5.2V. The return for ICC (the current drawn from
the +5.0V supply) is DGND. The return for IEE (the current
drawn from the -5.2V supply) is AGND. All power and
ground pins must be connected.
Reference
The TDC1044A converts analog signals in the range
VRB
£ VIN £ VRB into digital form. VRB (the voltage
applied to RB at the bottom of the reference resistor chain)
and VRT (the voltage applied to RB at the top of the refer-
ence resistor chain) should be between +0.1V and -1.1V.
VRT should be more positive than VRB within that range.
The voltage applied across the reference resistor chain
(VRT – VRB) must be between 0.4V and 1.3V.
Nominal voltages are VRT = 0.00V and VRB = -1.00V. These
voltages may be varied dynamically up to 10MHz. Due to
slight variation in the reference currents with clock and input
signals, RT and RB should be low-impedance points. For cir-
cuits in which the reference is not varied, a bypass capacitor
to ground is recommended. If the reference inputs are varied
dynamically (as in an Automatic Gain Control circuit), a
low-impedance reference source is required.
A reference middle, RM, is also provided; this may be used
as an input to adjust the mid-scale point in order to improve
integral linearity. This point may also be used as a tap to sup-
ply a mid-scale voltage to offset the analog input. If VRM is
used as an output, it must be connected to a high input
impedance device which has small input current. Noise at
this point may adversely affect the performance of this
device.
Controls
Two function control pins, NMINV and NLINV, set the out-
put format to be either straight binary or offset two’s comple-
ment, in either true or inverted sense, according to Table 1.
These pins are active LOW as signified by the prefix "N" in
the signal name. They may be tied to VCC for a logic "1" and
DGND for a logic "0."
NMINV controls the MSB, D1; NLINV controls the three
LSBs: D2, D3 and D4.
Convert
The TDC1044A requires a CONVert (CONV) signal. A sam-
ple is taken (the comparators are latched) within tSTO after a
rising edge of CONV. The coded result is translated to the
output latches on the next rising edge. The outputs hold the
previous data a minimum time (tHO) after the rising edge of
the CONV signal. New data becomes valid after a maximum
delay time, tD.
Analog Input
The TDC1044A uses latching comparators which cause the
input impedance to vary slightly with the signal level. For
optimal performance, the source impedance of the driving
circuit must less than 25 Ohms. Within the range of VEE to
+0.5V, the input signal will not damage the device. If the
input signal is at a voltage between VRT and VRB, the output
will be a binary code between 0 and 15 inclusive. A signal
outside this range will indicate either full-scale positive or
full-scale negative, depending on whether the signal is off-
scale in the positive or negative direction.
Outputs
TDC1044A outputs are TTL compatible, and capable of
driving four low-power Schottky TTL (54/74 LS) unit loads.
The outputs hold the previous data a minimum time (tHO)
after the rising edge of the CONV signal. Data becomes
valid after a maximum delay time (tD) after the rising edge
of CONV. For optimum performance, 2.2 kOhm pull-up
resistors are recommended.
No Connects
Pin 3 of the TDC1044A is labeled No Connect (NC), and has
no connection to the chip. Connect this pin to AGND for best
noise performance.


Número de pieza similar - TDC1044AR4C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cornell Dubilier Electr...
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Descripción similar - TDC1044AR4C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com