Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMP18 Datasheet(PDF) 8 Page - Analog Devices |
|
SMP18 Datasheet(HTML) 8 Page - Analog Devices |
8 / 8 page SMP18 REV. C –8– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 16-Pin Plastic DIP (N-16) 16 18 9 0.840 (21.33) 0.745 (18.93) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 16-Pin (Narrow Body) (SO-16) 16 9 8 1 0.3937 (10.00) 0.3859 (9.80) 0.2550 (6.20) 0.2284 (5.80) 0.1574 (4.00) 0.1497 (5.80) PIN 1 SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0099 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 16-Lead TSSOP (RU-16) 16 9 8 1 0.201 (5.10) 0.193 (4.90) PIN 1 SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0256 (0.65) BSC 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 ° 0 ° |
Número de pieza similar - SMP18 |
|
Descripción similar - SMP18 |