Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPSC107K004B0100V Datasheet(PDF) 4 Page - AVX Corporation

No. de pieza TPSC107K004B0100V
Descripción Electrónicos  TPS Series Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K004B0100V Datasheet(HTML) 4 Page - AVX Corporation

  TPSC107K004B0100V Datasheet HTML 1Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 2Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 3Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 4Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 5Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 6Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 7Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 8Page - AVX Corporation TPSC107K004B0100V Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TPSR225*006#7000
R
2.2
6.3
0.5
6
7000
1
0.089
0.080
0.035
0.620
0.558
0.248
TPSS475*006#4000
S
4.7
6.3
0.5
6
4000
1
0.127
0.115
0.051
0.510
0.459
0.204
TPSA685*006#1800
A
6.8
6.3
0.5
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSA106*006#1500
A
10
6.3
0.6
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSR106*006#1000
R
10
6.3
0.6
8
1000
1
0.235
0.211
0.094
0.235
0.211
0.094
TPSR106*006#1500
R
10
6.3
0.6
8
1500
1
0.191
0.172
0.077
0.287
0.259
0.115
TPSR106*006#3000
R
10
6.3
0.6
8
3000
1
0.135
0.122
0.054
0.406
0.366
0.162
TPST106*006#1000
T
10
6.3
0.6
6
1000
1
0.283
0.255
0.113
0.283
0.255
0.113
TPSA156*006#0700
A
15
6.3
0.9
6
700
1
0.327
0.295
0.131
0.229
0.206
0.092
TPSA156*006#1500
A
15
6.3
0.9
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSA226*006#0500
A
22
6.3
1.4
6
500
1
0.387
0.349
0.155
0.194
0.174
0.077
TPSA226*006#0900
A
22
6.3
1.4
6
900
1
0.289
0.260
0.115
0.260
0.234
0.104
TPSB226*006#0375
B
22
6.3
1.4
6
375
1
0.476
0.428
0.190
0.179
0.161
0.071
TPSB226*006#0600
B
22
6.3
1.4
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSS226*006#0900
S
22
6.3
1.4
8
900
1
0.269
0.242
0.107
0.242
0.218
0.097
TPSA336*006#0600
A
33
6.3
2.1
8
600
1
0.354
0.318
0.141
0.212
0.191
0.085
TPSB336*006#0250
B
33
6.3
2.1
6
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB336*006#0350
B
33
6.3
2.1
6
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB336*006#0450
B
33
6.3
2.1
6
450
1
0.435
0.391
0.174
0.196
0.176
0.078
TPSB336*006#0600
B
33
6.3
2.1
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPST336*006#0800
T
33
6.3
2.1
10
800
1
0.316
0.285
0.126
0.253
0.228
0.101
TPSA476*006#0800
A
47
6.3
2.8
10
800
1
0.306
0.276
0.122
0.245
0.220
0.098
TPSB476*006#0250
B
47
6.3
3
6
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB476*006#0350
B
47
6.3
3
6
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB476*006#0500
B
47
6.3
3
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSC476*006#0300
C
47
6.3
3
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPST476*006#1200
T
47
6.3
2.8
10
1200
1
0.258
0.232
0.103
0.310
0.279
0.124
TPSB686*006#0250
B
68
6.3
4.3
8
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB686*006#0350
B
68
6.3
4.3
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB686*006#0500
B
68
6.3
4.3
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSC686*006#0150
C
68
6.3
4.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC686*006#0200
C
68
6.3
4.3
6
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSW686*006#0110
W
68
6.3
4.3
6
110
1
0.905
0.814
0.362
0.099
0.090
0.040
TPSW686*006#0125
W
68
6.3
4.3
6
125
1
0.849
0.764
0.339
0.106
0.095
0.042
TPSW686*006#0250
W
68
6.3
4.3
6
250
1
0.600
0.540
0.240
0.150
0.135
0.060
TPSB107*006#0250
B
100
6.3
6.3
10
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB107*006#0400
B
100
6.3
6.3
10
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSC107*006#0075
C
100
6.3
6.3
6
75
1
1.211
1.090
0.484
0.091
0.082
0.036
TPSC107*006#0150
C
100
6.3
6.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSW107*006#0100
W
100
6.3
6.3
6
100
1
0.949
0.854
0.379
0.095
0.085
0.038
TPSW107*006#0150
W
100
6.3
6.3
6
150
1
0.775
0.697
0.310
0.116
0.105
0.046
TPSY107*006#0100
Y
100
6.3
6.3
6
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSC157*006#0050
C
150
6.3
9.5
6
50
1
1.483
1.335
0.593
0.074
0.067
0.030
TPSC157*006#0090
C
150
6.3
9.5
6
90
1
1.106
0.995
0.442
0.099
0.090
0.040
TPSC157*006#0150
C
150
6.3
9.5
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC157*006#0200
C
150
6.3
9.5
6
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSC157*006#0250
C
150
6.3
9.5
6
250
1
0.663
0.597
0.265
0.166
0.149
0.066
TPSD157*006#0050
D
150
6.3
9.5
6
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD157*006#0125
D
150
6.3
9.5
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSY157*006#0040
Y
150
6.3
9.5
6
40
1
1)
1.768
1.591
0.707
0.071
0.064
0.028
TPSY157*006#0050
Y
150
6.3
9.5
6
50
1
1)
1.581
1.423
0.632
0.079
0.071
0.032
TPSC227*006#0070
C
220
6.3
13.9
8
70
1
1.254
1.128
0.501
0.088
0.079
0.035
TPSC227*006#0100
C
220
6.3
13.9
8
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSC227*006#0125
C
220
6.3
13.9
8
125
1
0.938
0.844
0.375
0.117
0.106
0.047
TPSC227*006#0250
C
220
6.3
13.9
8
250
1
0.663
0.597
0.265
0.166
0.149
0.066
TPSD227*006#0050
D
220
6.3
13.9
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD227*006#0100
D
220
6.3
13.9
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD227*006#0125
D
220
6.3
13.9
8
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSE227*006#0100
E
220
6.3
13.9
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSF227*006#0200
F
220
6.3
13.2
10
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSY227*006#0100
Y
220
6.3
13.9
10
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY227*006#0150
Y
220
6.3
13.9
10
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSC337*006#0080
C
330
6.3
19.8
12
80
1
1.173
1.055
0.469
0.094
0.084
0.038
TPSC337*006#0100
C
330
6.3
19.8
12
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSD337*006#0045
D
330
6.3
20.8
8
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD337*006#0050
D
330
6.3
20.8
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
33


Número de pieza similar - TPSC107K004B0100V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPSC107K004B0100V AVX-TPSC107K004B0100V Datasheet
137Kb / 11P
   Low ESR
TPSC107K004B0100V AVX-TPSC107K004B0100V Datasheet
166Kb / 11P
   TPS Series
TPSC107K004B0100V AVX-TPSC107K004B0100V Datasheet
197Kb / 16P
   TPS Series
TPSC107K004B0100V AVX-TPSC107K004B0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K004B0100V AVX-TPSC107K004B0100V Datasheet
146Kb / 11P
   TPS Series
More results

Descripción similar - TPSC107K004B0100V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M020R0085 AVX-TPSD107M020R0085 Datasheet
152Kb / 11P
   TPS Series Low ESR
TPSD156K035R0100 AVX-TPSD156K035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107K010R0050 AVX-TPSD107K010R0050 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M010R0100 AVX-TPSD107M010R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD337K010R0150 AVX-TPSD337K010R0150 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSA684M025R6000 AVX-TPSA684M025R6000 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com