Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS2412DRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS2412DRG4
Descripción  N1 and ORing Power Rail Controller
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS2412DRG4 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
V(AC)
GATE
V
(Right)
(GATE)
at5V/div
V
(Left)
(GATE)
at5V/div
V
(Left)
(AC)
at20mV/div
50ns/div
V
(Left)
(AC)
at10mV/div
V
(Right)
(GATE)
at10V/div
V
(Left)
(GATE)
at10V/div
V
(Right)
(IN)
at20mVac/div
500 s/div
V(AC)
GATE
V(IN)
TPS2412
TPS2413
SLVS728B – JANUARY 2007 – REVISED SEPTEMBER 2008.......................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
TYPICAL TURNOFF WITH TWO ORED DEVICES ACTIVE
(VDD = 12 V, I(LOAD) = 5 A, IRL3713,
TRANSIENT APPLIED TO LEFT SIDE)
Figure 7.
TYPICAL TURNOFF AND RECOVERY WITH TWO ORED DEVICES ACTIVE
(VDD = 3 V, VA = 18 V, I(LOAD) = 5 A, IRL3713,
TRANSIENT APPLIED TO LEFT SIDE)
Figure 8.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2412 TPS2413


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn