Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5232BRU10 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD5232BRU10
Descripción Electrónicos  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5232BRU10 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5232BRU10 Datasheet HTML 6Page - Analog Devices AD5232BRU10 Datasheet HTML 7Page - Analog Devices AD5232BRU10 Datasheet HTML 8Page - Analog Devices AD5232BRU10 Datasheet HTML 9Page - Analog Devices AD5232BRU10 Datasheet HTML 10Page - Analog Devices AD5232BRU10 Datasheet HTML 11Page - Analog Devices AD5232BRU10 Datasheet HTML 12Page - Analog Devices AD5232BRU10 Datasheet HTML 13Page - Analog Devices AD5232BRU10 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 10 of 24
4
2
0
–50
–35
–20
–5
10
TEMPERATURE (°C)
25
40
55
70
85
VDD = 5.5V
VDD = 2.7V
Figure 11. IDD vs. Temperature
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 10.00V
M 2.00ms
CS
CLK
SDI
IDD
2mA/DIV
1
4
3
2
T
Figure 12. IDD vs. Time (Save) Program Mode
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 10.00V
M 2.00ms
CS
CLK
SDI
1
4
3
2
T
*SUPPLY CURRENT RETURNS TO MINIMUM POWER CONSUMPTION
IF COMMAND INSTRUCTION 0 (NOP) IS EXECUTED IMMEDIATELY
AFTER COMMAND INSTRUCTION 1 (READ EEMEM).
IDD*
2mA/DIV
Figure 13. IDD vs. Time Read Mode
12
6
0
–6
–12
–18
–24
–30
–36
–42
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 100mV rms
VDD = +2.5V
VSS = –2.5V
RL = 1MΩ
TA = +25°C
f–3dB = 500kHz, R = 10kΩ
f–3dB = 45kHz, R = 100kΩ
f–3dB = 95kHz, R = 50kΩ
Figure 14. −3 dB Bandwidth vs. Resistance
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
FILTER = 22kHz
RAB = 10kΩ
RAB = 50kΩ, 100kΩ
Figure 15. Total Harmonic Distortion + Noise vs. Frequency
70
80
90
100
110
60
50
40
30
20
10
0
0
32
64
96
128
160
192
224
256
CODE (Decimal)
VDD = 2.7V
TA = 25°C
Figure 16. Wiper On Resistance vs. Code


Número de pieza similar - AD5232BRU10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5232BRU10 AD-AD5232BRU10 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5232BRU10 AD-AD5232BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5232BRU10 AD-AD5232BRU10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRU10-REEL7 AD-AD5232BRU10-REEL7 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5232BRU10-REEL7 AD-AD5232BRU10-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

Descripción similar - AD5232BRU10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com