Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7476ARTZ-REEL73 Datasheet(PDF) 8 Page - Analog Devices |
|
AD7476ARTZ-REEL73 Datasheet(HTML) 8 Page - Analog Devices |
8 / 24 page AD7476/AD7477/AD7478 Rev. F | Page 8 of 24 Parameter A Version1,2 S Version1,2 Unit Test Conditions/Comments Power Dissipation5 Normal Mode (Operational) 17.5 17.5 mW max VDD = 5 V, fSAMPLE = 1 MSPS 4.8 4.8 mW max VDD = 3 V, fSAMPLE = 1 MSPS Full Power-Down 5 5 μW max VDD = 5 V, SCLK off 1 Temperature range for A version is −40°C to +85°C; temperature range for S version is −55°C to +125°C. 2 Operational from VDD = 2.0 V, with input high voltage, VINH = 1.8 V minimum. 3 See the Terminology section. 4 Guaranteed by characterization. 5 See the Power vs. Throughput Rate section. TIMING SPECIFICATIONS VDD = 2.35 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted. Table 4. Limit at TMIN, TMAX1 Parameter2,3 3 V 5 V Unit Description fSCLK4 10 10 kHz min 20 20 MHz max A version 12 12 MHz max B version tCONVERT 16 × tSCLK 16 × tSCLK tQUIET 50 50 ns min Minimum quiet time required between bus relinquish and start of next conversion t1 10 10 ns min Minimum CS pulsewidth t2 10 10 ns min CS to SCLK setup time t35 20 20 ns max Delay from CS until SDATA three-state disabled t45 40 20 ns max Data access time after SCLK falling edge, A version 70 20 ns max Data access time after SCLK falling edge, B version t5 0.4 × tSCLK 0.4 × tSCLK ns min SCLK low pulsewidth t6 0.4 × tSCLK 0.4 × tSCLK ns min SCLK high pulsewidth t7 10 10 ns min SCLK to data valid hold time t86 10 10 ns min SCLK falling edge to SDATA high impedance 25 25 ns max SCLK falling edge to SDATA high impedance tPOWER-UP7 1 1 μs typ Power-up time from full power-down 1 3 V specifications apply from VDD = 2.7 V to 3.6 V for A version; 3 V specifications apply from VDD = 2.35 V to 3.6 V for B version; 5 V specifications apply from VDD = 4.75 V to 5.25 V. 2 Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V. 3 Version A timing specifications apply to the AD7477 and AD7478 S version; B version timing specifications apply to the AD7476 S version. 4 Mark/space ratio for the SCLK input is 40/60 to 60/40. 5 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.0 V. 6 t8 is derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit in Figure 2. The measured number is then extrapolated to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, is the true bus relinquish time of the part and is independent of the bus loading. 7 See Power-Up Time section. 200µA IOL 200µA IOH 1.6V TO OUTPUT PIN CL 50pF Figure 2. Load Circuit for Digital Output Timing Specifications |
Número de pieza similar - AD7476ARTZ-REEL73 |
|
Descripción similar - AD7476ARTZ-REEL73 |