Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMC3033 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza TMC3033
Descripción Electrónicos  Triple Video D/A Converter 10 bit, 80 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC3033 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TMC3033 Datasheet HTML 1Page - Fairchild Semiconductor TMC3033 Datasheet HTML 2Page - Fairchild Semiconductor TMC3033 Datasheet HTML 3Page - Fairchild Semiconductor TMC3033 Datasheet HTML 4Page - Fairchild Semiconductor TMC3033 Datasheet HTML 5Page - Fairchild Semiconductor TMC3033 Datasheet HTML 6Page - Fairchild Semiconductor TMC3033 Datasheet HTML 7Page - Fairchild Semiconductor TMC3033 Datasheet HTML 8Page - Fairchild Semiconductor TMC3033 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMC3033
PRODUCT SPECIFICATION
2
Functional Description
The TMC3033 is a low-cost triple 10-bit CMOS D/A
converter designed to directly drive computer CRT displays
and video transmission lines at pixel rates of up to 80 Msps.
It comprises three identical 10-bit D/A converters with
registered data inputs, common clock, and internal voltage
reference. An independent current source allows sync to be
added to the green D/A converter output.
Digital Inputs
All digital inputs are TTL-compatible. Data are registered on
the rising edge of the CLK signal. The analog output
changes tDO after the rising edge of CLK. There is one stage
of pipeline delay on the chip. The guaranteed clock rates of
the TMC3033 are 80, 50, and 30 MHz.
SYNC and BLANK
SYNC and BLANK inputs control the output level
(Figure 1 and Table 1) of the D/A converters during CRT
retrace intervals. BLANK forces the D/A outputs to the
blanking level while SYNC turns off a separate current
source which is connected to the green D/A converter. This
connection adds a 40 IRE sync pulse to the D/A output and
brings that D/A output to 0.0 Volts during the sync tip.
SYNC and BLANK are registered on the rising edge of
CLK.
BLANK gates the D/A inputs and sets the pedestal voltage.
If BLANK = HIGH, the D/A inputs are added to a pedestal
which offsets the current output. If BLANK = LOW, data
inputs and the pedestal are disabled.
Figure 1. Nominal Output Levels
data: 660 mV max.
65-3003-02
pedestal: 54 mV
sync: 286 mV
D/A Outputs
Each D/A output is a current source. To obtain a voltage out-
put a resistor must be connected to ground. Output voltage of
the D/A converters depends upon this resistor, the reference
voltage, and the value of the gain-setting resistor connected
between RREF and GND.
Normally, a source termination resistor of 75 Ohms is con-
nected between the D/A current output pin and GND near
the D/A converter. A 75 Ohm coaxial cable may then be con-
nected with another 75 Ohm termination resistor at the far
end of the cable. This “double termination” presents the D/A
converter with a net resistive load of 37.5 Ohms.
The TMC3033 may also be operated with a single 75 Ohm
terminating resistor. To lower the output voltage swing to the
desired range, the value of the resistor on RREF should be
increased.
Voltage Reference
The TMC3033 has an internal bandgap voltage reference
of +1.235 Volts. An external voltage reference may be
connected to the VREF pin, overriding the internal voltage
reference. All three D/A converters are driven from the same
reference.
A 0.1
µF capacitor must be connected between the COMP
pin and VDD to stabilize internal bias circuitry and ensure
low-noise operation.
Power and Ground
The TMC3033 D/A converter requires a single +3.3 Volt
power supply. The analog (VDD) power supply voltage
should be decoupled to GND to reduce power supply
induced noise. 0.1
µF decoupling capacitors should be placed
as close as possible to the power pins.
The high slew-rate of digital data makes capacitive coupling
to the outputs of any D/A converter a potential problem.
Since the digital signals contain high-frequency components
of the CLK signal, as well as the video output signal, the
resulting data feedthrough often looks like harmonic distor-
tion or reduced signal-to-noise performance. All ground pins
should be connected to a common solid ground plane for
best performance.


Número de pieza similar - TMC3033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC30 CADEKA-TMC3033KRC30 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC50 CADEKA-TMC3033KRC50 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC80 CADEKA-TMC3033KRC80 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033R2C30 CADEKA-TMC3033R2C30 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results

Descripción similar - TMC3033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com