Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5935DC Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza SI5935DC
Descripción Electrónicos  Dual P-Channel 1.8 V (G-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5935DC Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI5935DC Datasheet HTML 2Page - Vishay Siliconix SI5935DC Datasheet HTML 3Page - Vishay Siliconix SI5935DC Datasheet HTML 4Page - Vishay Siliconix SI5935DC Datasheet HTML 5Page - Vishay Siliconix SI5935DC Datasheet HTML 6Page - Vishay Siliconix SI5935DC Datasheet HTML 7Page - Vishay Siliconix SI5935DC Datasheet HTML 8Page - Vishay Siliconix SI5935DC Datasheet HTML 9Page - Vishay Siliconix SI5935DC Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AN812
Vishay Siliconix
www.vishay.com
2
Document Number: 71127
12-Dec-03
Front of Board
Back of Board
FIGURE 3.
vishay.com
ChipFETr
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance (the Package
Performance)
Thermal performance for the 1206-8 ChipFET measured as
junction-to-foot thermal resistance is 30_C/W typical, 40_C/W
maximum for the dual device. The “foot” is the drain lead of the
device as it connects with the body. This is identical to the dual
SO-8 package RQjf performance, a feat made possible by
shortening the leads to the point where they become only a
small part of the total footprint area.
Junction-to-Ambient Thermal Resistance
(dependent on pcb size)
The typical RQja for the dual-channel 1206-8 ChipFET is
90_C/W steady state, identical to the SO-8. Maximum ratings
are 110_C/W for both the 1206-8 and the SO-8. Both packages
have comparable thermal performance on the 1” square pcb
footprint with the 1206-8 dual package having a quarter of the
body area, a significant factor when considering board area.
Testing
To aid comparison further, Figure 4 illustrates ChipFET 1206-8
dual thermal performance on two different board sizes and
three different pad patterns.The results display the thermal
performance out to steady state and produce a graphic
account on how an increased copper pad area for the drain
connections can enhance thermal performance. The
measured steady state values of RQja for the Dual 1206-8
ChipFET are :
1) Minimum recommended pad pattern (see
Figure 2) on the evaluation board size of
0.5 in x 0.6 in.
185_C/W
2) The evaluation board with the pad pattern
described on Figure 3.
128_C/W
3) Industry standard 1” square pcb with
maximum copper both sides.
90_C/W
The results show that a major reduction can be made in the
thermal resistance by increasing the copper drain area. In this
example, a 57_C/W reduction was achieved without having to
increase the size of the board. If increasing board size is an
option, a further 38_C/W reduction was obtained by
maximizing the copper from the drain on the larger 1” square
PCB.
Time (Secs)
FIGURE 4.
Dual 1206-8 ChipFET
0
1
200
40
80
100
1000
120
10
10-1
10-2
10-3
10-4
10-5
1” Square PCB
Dual EVB
Min. Footprint
160
SUMMARY
The thermal results for the dual-channel 1206-8 ChipFET
package display identical power dissipation performance to
the SO-8 with a footprint reduction of 80%. Careful design of
the package has allowed for this performance to be achieved.
The short leads allow the die size to be maximized and thermal
resistance to be reduced within the confines of the TSOP-6
body size.
ASSOCIATED DOCUMENT
1206-8 ChipFET Single Thermal performance, AN811,
(http://www.vishay.com/doc?71126).


Número de pieza similar - SI5935DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC VISHAY-SI5935DC Datasheet
116Kb / 6P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI5935DC-T1 VISHAY-SI5935DC-T1 Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC VISHAY-SI5935DC_V01 Datasheet
116Kb / 6P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI5935DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com