Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK210 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SK210
Descripción Electrónicos  FM Tuner Applications VHF Band Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK210 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK210 Datasheet HTML 1Page - Toshiba Semiconductor 2SK210 Datasheet HTML 2Page - Toshiba Semiconductor 2SK210 Datasheet HTML 3Page - Toshiba Semiconductor 2SK210 Datasheet HTML 4Page - Toshiba Semiconductor 2SK210 Datasheet HTML 5Page - Toshiba Semiconductor 2SK210 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK210
2007-11-01
2
L1: 0.8 mmφ Ag plated Cu wire 3 turns, 10 mm ID, 10 mm length
L2: 0.8 mmφ Ag plated Cu wire 3.5 turns, 10 mm ID, 10 mm length
Marking
Figure 1
100 MHz Gps NF Test Circuit


Número de pieza similar - 2SK210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
717Kb / 6P
   Silicon N Channel Junction Type FM Tuner Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
   FM Tuner Applications VHF Band Amplifier Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK210 TOSHIBA-2SK210 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Descripción similar - 2SK210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK210-GR TOSHIBA-2SK210-GR Datasheet
329Kb / 6P
   FM Tuner Applications VHF Band Amplifier Applications
logo
Sanyo Semicon Device
2SK3720-5-TB-E SANYO-2SK3720-5-TB-E Datasheet
33Kb / 4P
   FM Tuner, VHF-Band Amplifier Applications
2SK3856 SANYO-2SK3856 Datasheet
38Kb / 3P
   FM Tuner, VHF-Band Amplifier Applications
2SK3720 SANYO-2SK3720 Datasheet
38Kb / 4P
   FM Tuner, VHF-Band Amplifier Applications
2SK3737 SANYO-2SK3737 Datasheet
39Kb / 4P
   FM Tuner, VHF Amplifier Applications
2SK1067 SANYO-2SK1067 Datasheet
109Kb / 4P
   FM Tuner,VHF-Band Amp Applications
2SK543 SANYO-2SK543 Datasheet
107Kb / 4P
   FM Tuner, VHF-Band Amp Applications
logo
Toshiba Semiconductor
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
2SK881 TOSHIBA-2SK881 Datasheet
199Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER APPLICATIONS VHF BAND AMPLIFIER APPLICATIONS)
2SK302GRTE85R TOSHIBA-2SK302GRTE85R Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com