Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA78L15F Datasheet(PDF) 7 Page - Toshiba Semiconductor |
|
TA78L15F Datasheet(HTML) 7 Page - Toshiba Semiconductor |
7 / 19 page TA78L05,06,07,08,09,10,12,15,18,20,24F 2009-09-30 7 TA78L09F Electrical Characteristics (Unless otherwise specified, VIN = 15 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF, 0°C ≤ Tj ≤ 125°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT 1 Tj = 25°C 8.55 9.0 9.45 V 11.4 V ≤ VIN ≤ 24 V ― 80 200 Line regulation Reg·line 1 Tj = 25°C 12 V ≤ VIN ≤ 24 V ― 20 160 mV 1.0 mA ≤ IOUT ≤ 100 mA ― 17 90 Load regulation Reg·load 1 Tj = 25°C 1.0 mA ≤ IOUT ≤ 40 mA ― 8.0 45 mV 11.4 V ≤ VIN ≤ 24 V, 1.0 mA ≤ IOUT ≤ 40 mA 8.37 ― 9.63 Output voltage VOUT 1 Tj = 25°C 1.0 mA ≤ IOUT ≤ 70 mA 8.37 ― 9.63 V Tj = 25°C ― 3.2 6.5 Quiescent current IB 1 Tj = 125°C ― ― 6.0 mA 12 V ≤ VIN ≤ 24 V ― ― 1.5 Quiescent current change ΔIB 1 Tj = 25°C 1.0 mA ≤ IOUT ≤ 40 mA ― ― 0.1 mA Output noise voltage VNO 2 Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz ― 65 ― μVrms Long term stability ΔVOUT/Δt 1 ― ― 21 ― mV/kh Ripple rejection ratio R.R. 3 f = 120 Hz, 12 V ≤ VIN ≤ 24 V, Tj = 25°C 36 44 ― dB Dropout voltage VD 1 Tj = 25°C ― 1.7 ― V Average temperature coefficient of output voltage TCVO 1 IOUT = 5 mA ― −0.85 ― mV/°C |
Número de pieza similar - TA78L15F |
|
Descripción similar - TA78L15F |