Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3843AD Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza UC3843AD
Descripción Electrónicos  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3843AD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  UC3843AD Datasheet HTML 1Page - Fairchild Semiconductor UC3843AD Datasheet HTML 2Page - Fairchild Semiconductor UC3843AD Datasheet HTML 3Page - Fairchild Semiconductor UC3843AD Datasheet HTML 4Page - Fairchild Semiconductor UC3843AD Datasheet HTML 5Page - Fairchild Semiconductor UC3843AD Datasheet HTML 6Page - Fairchild Semiconductor UC3843AD Datasheet HTML 7Page - Fairchild Semiconductor UC3843AD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 5.0
Features
• Low Start Current 0.2mA (typ)
• Operating Range Up To 500KHz
• Cycle by Cycle Current Limiting
• Under Voltage Lock Out With Hysteresis
• Short Shutdown Delay Time: typ.100ns
• High Current Totem-pole Output
• Output Swing Limiting: 22V
Description
The UC3842A/UC3843A are fixed PWM controller for Off-
Line and DC to DC converter applications. The internal cir-
cuits include UVLO, low start up current circuit, tempera-
ture compensated reference, high gain error amplifier,
current sensing comparator, and high current totem-pole out-
put for driving a POWER MOSFET. Also UC3842A/
UC3843A provide low start up current below 0.3mA and
short shutdown delay time typ. 100ns. The UC3842A has
UVLO threshold of 16V(on) and 10V(off). The UC3843A is
8.4V(on) and 7.6V(off). The UC3842A and UC3843A can
operate within 100% duty cycle.
8-DIP
8-SOP
1
1
Internal Block Diagram
8
+
-
7
5
SET/
RESET
5V
VREF
Internal
Bias
Good LOGIC
2
R
S
OSCILLATOR
1
3
4
T
7
6
5
UVLO
29V
22V
1/3
Error Amp
1/2VREF
1V
C.S
Comp.
PWM
LATCH
VREF
VFB
COMP
C.S
RT/CT
OUTPUT
VCC
GND
PWR
VC
PWR
GND
UC3842A/UC3843A
SMPS Controller


Número de pieza similar - UC3843AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3843AD MOTOROLA-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3843AD ONSEMI-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC3843AD TI-UC3843AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Microsemi Corporation
UC3843AD MICROSEMI-UC3843AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3843AD ONSEMI-UC3843AD Datasheet
359Kb / 18P
   High Performance Current Mode Controllers
November, 2005 ??Rev. 8
More results

Descripción similar - UC3843AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com