Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4884BDY-T1-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI4884BDY-T1-E3
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4884BDY-T1-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4884BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4884BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 73454
S09-0228-Rev. C, 09-Feb-09
Vishay Siliconix
Si4884BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
0.001
10
50
0.00
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1
0.1
0.01
- 0.9
- 0.6
- 0.3
0.0
0.3
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
T
J - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.01
0.02
0.03
0.04
0.05
23456
7
8
9
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID = 10 A
0
60
100
20
40
Time (s)
80
1
10
0.1
0.01
0.001
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
1 ms
TA = 25 °C
Single Pulse
10 ms
100 ms
DC
Limited by RDS(on)*
VDS - Drain-to-Source Voltage (V)
* V
>
GS
minimum VGS at which RDS(on) is specified
1 s
10 s


Número de pieza similar - SI4884BDY-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4884BDY-T1 VISHAY-SI4884BDY-T1 Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 01-Aug-05
More results

Descripción similar - SI4884BDY-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com