Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8429DB-T1-E1 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza SI8429DB-T1-E1
Descripción Electrónicos  P-Channel 1.2 V (G-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8429DB-T1-E1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI8429DB-T1-E1 Datasheet HTML 3Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 4Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 5Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 6Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 7Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 8Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 9Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 10Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Vishay Siliconix
Si8429DB
Document Number: 74399
S13-1847-Rev.D, 19-Aug-13
www.vishay.com
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
PACKAGE OUTLINE
MICRO FOOT: 4-BUMP (0.8 mm PITCH)
Notes (unless otherwise specified):
1. Laser mark on the silicon die back, coated with a thin metal.
2. Bumps are Sn/Ag/Cu.
3. Non-solder mask defined copper landing pad.
4. The flat side of wafers is oriented at the bottom.
Notes:
a. Use millimeters as the primary measurement
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?74399.
Bump Note 2
8429
XXX
Recommended Land
Mark on Backside of Die
Silicon
b Diamerter
e
e
A
A2
A1
e
S
D
e
S
E
4 x
φ0.30
0.31
Note 3
Solder Mask
φ 0.40
Dim.
Millimetersa
Inches
Min.
Max.
Min.
Max.
A
0.600
0.650
0.0236
0.0256
A1
0.260
0.290
0.0102
0.0114
A2
0.340
0.360
0.0134
0.0142
b
0.370
0.410
0.0146
0.0161
D
1.520
1.600
0.0598
0.0630
E
1.520
1.600
0.0598
0.0630
e
0.800
0.0315
S
0.360
0.400
0.0142
0.0157


Número de pieza similar - SI8429DB-T1-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI8429DB VISHAY-SI8429DB Datasheet
212Kb / 4P
   P-Channel 1.2V (G-S) MOSFET
Rev. A, 21-Jan-08
SI8429DB VISHAY-SI8429DB Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SI8429DB VISHAY-SI8429DB_V01 Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI8429DB-T1-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIB417EDK VISHAY-SIB417EDK Datasheet
218Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
Rev. B, 10-Aug-09
SI1499DH VISHAY-SI1499DH Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
Rev. C, 09-Oct-06
SI1499DH VISHAY-SI1499DH_08 Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
S-80579-Rev. E, 17-Mar-08
SI1499DH VISHAY-SI1499DH_15 Datasheet
245Kb / 12P
   P-Channel 1.2 V (G-S) MOSFET
Rev. F, 05-Apr-10
SIB417DK VISHAY-SIB417DK Datasheet
146Kb / 7P
   P-Channel 1.2-V (G-S) MOSFET
Rev. D, 26-May-08
SIB417AEDK VISHAY-SIB417AEDK Datasheet
238Kb / 9P
   P-Channel 1.2 V (G-S) MOSFET
Rev. A, 01-Oct-12
SI1499DH VISHAY-SI1499DH_V01 Datasheet
252Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SI8429DB VISHAY-SI8429DB_V01 Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SIB417EDK VISHAY-SIB417EDK_V01 Datasheet
217Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
01-Jan-2022
SIB414DK VISHAY-SIB414DK Datasheet
154Kb / 7P
   N-Channel 1.2-V (G-S) MOSFET
Rev. C, 10-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com