Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3843 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza UC3843
Descripción Electrónicos  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3843 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  UC3843 Datasheet HTML 1Page - Fairchild Semiconductor UC3843 Datasheet HTML 2Page - Fairchild Semiconductor UC3843 Datasheet HTML 3Page - Fairchild Semiconductor UC3843 Datasheet HTML 4Page - Fairchild Semiconductor UC3843 Datasheet HTML 5Page - Fairchild Semiconductor UC3843 Datasheet HTML 6Page - Fairchild Semiconductor UC3843 Datasheet HTML 7Page - Fairchild Semiconductor UC3843 Datasheet HTML 8Page - Fairchild Semiconductor UC3843 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Low Start up Current
• Maximum Duty Clamp
• UVLO With Hysteresis
• Operating Frequency up to 500KHz
Description
The UC3842/UC3843/UC3844/UC3845 are fixed
frequencycurrent-mode PWM controller. They are specially
designed for Off-Line and DC to DC converter applications
with minimum external components. These integrated
circuits feature a trimmed oscillator for precise duty cycle
control, a temperature compensated reference, high gain
error amplifier, current sensing comparator and a high
current totempole output for driving a Power MOSFET. The
UC3842 and UC3844 have UVLO thresholds of 16V (on)
and 10V (off). The UC3843 and UC3845 are 8.5V(on) and
7.9V (off). The UC3842 and UC3843 can operate within
100% duty cycle. The UC3844 and UC3845 can operate
with 50% duty cycle.
8-DIP
14-SOP
1
1
8-SOP
1
Internal Block Diagram
UC3842/UC3843/UC3844/UC3845
SMPS Controller
* NORMALLY 8DIP/8SOP PIN NO.
* ( ) IS 14SOP PINNO.
* TOGGLE FLIP FLOP USED ONLY IN UC3844, UC3845


Número de pieza similar - UC3843

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
UC3843 STMICROELECTRONICS-UC3843 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC3843 TI-UC3843 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC3843 TI-UC3843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3843 TI-UC3843 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3843 TI-UC3843 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Descripción similar - UC3843

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com