Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCT06030C4641ZP5 Datasheet(PDF) 11 Page - Vishay Siliconix

No. de pieza MCT06030C4641ZP5
Descripción Electrónicos  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT06030C4641ZP5 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MCT06030C4641ZP5 Datasheet HTML 4Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 5Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 6Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 7Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 8Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 9Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 10Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 11Page - Vishay Siliconix MCT06030C4641ZP5 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
11
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table.
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicated the resistance value.
- The last digit indicated the resistance decade in
accordance with the last digit of 12NC indicating
resistance decade table.
Last Digit of 12NC Indicating Resistance Decade
Historical 12NC example
The 12NC of a MCT 0603 resistor, value 47 k
 and TCR 50
with ± 1 % tolerance, supplied in cardboard tape of
5000 units per reel was: 2312 215 14703.
RESISTANCE DECADE
LAST DIGIT
1
 to 9.99 
8
10
 to 99.9 
9
100
 to 999 
1
1 k
 to 9.99 k
2
10 k
 to 99.9 k
3
100 k
 to 999 k
4
1 M
 to 9.99 M
5
10 M
 to 99.9 M
6
HISTORICAL 12NC - Resistor type and packaging
DESCRIPTION
2312... .....
CARDBOARD TAPE ON REEL
TYPE
TCR
TOL.
P5
(5000 UNITS)
E0
(10 000 UNITS)
PW
(20 000 UNITS)
MCS 0402
± 50 ppm/K
± 1 %
-
275 1....
-
± 0.5 %
-
275 5....
-
± 25 ppm/K
± 0.5 %
-
276 5....
-
Jumper
-
-
275 90001
-
MCT 0603
± 50 ppm/K
± 1 %
215 1....
-
205 1..
± 0.5 %
215 5....
-
205 5....
± 25 ppm/K
± 0.5 %
216 5....
-
206 5....
Jumper
-
215 90001
-
205 90001
MCU 0805
± 50 ppm/K
± 0.5 %
255 5....
-
245 5....
± 25 ppm/K
± 0.5 %
256 5....
-
246 5....
Jumper
-
255 90001
-
245 90001


Número de pieza similar - MCT06030C4641ZP5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MCT06030C4641ZP5 VISHAY-MCT06030C4641ZP5 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Descripción similar - MCT06030C4641ZP5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C3320FE000 VISHAY-MCS04020C3320FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com