Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCA8A02-H Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TPCA8A02-H
Descripción Electrónicos  High Efficiency DC-DC Converter Applications Notebook PC Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8A02-H Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCA8A02-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8A02-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8A02-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8A02-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8A02-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8A02-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8A02-H Datasheet HTML 7Page - Toshiba Semiconductor TPCA8A02-H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPCA8A02-H
2010-01-19
1
TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
Silicon N-Channel MOS Type (U-MOS V-H)
TPCA8A02-H
High Efficiency DC-DC Converter Applications
Notebook PC Applications
Portable Equipment Applications
• Built-in a schottky barrier diode
Low forward voltage: VDSF = −0.6 V (max)
• High-speed switching
• Small gate charge: QSW = 8.6 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 3.8 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 90 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
34
Drain current
Pulsed (Note 1)
IDP
102
A
Drain power dissipation (Tc=25℃)
PD
45
W
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
2.8
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.6
W
Single-pulse avalanche energy
(Note 3)
EAS
150
mJ
Avalanche current
IAR
34
A
Repetitive avalanche energy
(Tc=25℃) (Note 4)
EAR
3.23
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
0.5±0.1
1.27
0.4±0.1
0.595
0.05 M A
1
4
5
8
0.15±0.05
0.8±0.1
1.1±0.2
4.25±0.2
1
4
5
8
5.0±0.2
0.95±0.05
S
0.05 S
A
0.166±0.05
JEDEC
JEITA
TOSHIBA
2-5Q1A
Weight: 0.069 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4
1,2,3:SOURCE 4:GATE
5,6,7,8:DRAIN


Número de pieza similar - TPCA8A02-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8A02-H VBSEMI-TPCA8A02-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Descripción similar - TPCA8A02-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TK50P03M1 TOSHIBA-TK50P03M1 Datasheet
199Kb / 7P
   High-Efficiency DC-DC Converter Applications Desktop PC Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com