Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5-104656-5 Datasheet(PDF) 5 Page - Tyco Electronics |
|
5-104656-5 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 321 page 5 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 Germany: 49-6251-133-1999 CIS WR 08/2011 millimeters unless otherwise reference purposes only. Canada: 1-905-475-6222 China: 86-400-820-6015 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 te.com are metric equivalents. to change. L. & S. America: 54-11-4733-2200 UK: 44-800-267-666 AMPMODU Interconnection System 1 PC/104 and PC/104-Plus Connectors The PC/104 and PC/104- Plus connectors are industry standard product offerings which comply with the interconnection require- ments defined by the PC/104 organization (http://www.pc104.org) Both products are designed specifically for “flat-rock” press-fit installation for ease of application. Solder ver- sion is also available. Optional integral standoffs minimize the customer’s system assembly time. The TE offering of the standard PC/104 product is a unitized connector rather than the two piece, 40 and 64 position connectors currently on the market. Customer needs to stock and apply only one part number rather than two. Performance Specifications Electrical Characteristics Meets requirements of PC/104 and PC/104-Plus standards Nominal Resistance — 10 milliohms maximum, D R Insulation Resistance — 1000 megohms minimum Dielectric Withstanding Voltage — 500 VAC for 1 min. at sea level Mechanical Characteristics Meets requirements of PC/104 and PC/104-Plus standards Current — Signal application only Temperature — –55° to 105°C Material and Finish Housing — Black Thermoplastic, UL 94V-0 Contact — Phosphor Bronze, Full Gold all over Nickel (stackthrough), Gold on mating end, Tin or Tin-lead on PCB tail all over Nickel (non-stackthrough) Need more information? Call Technical Support 1-800-522-6752: Technical Support is staffed with specialists well versed in all TE products. The Center can provide you with: I Technical Support I Catalogs I Technical Documents I TE Authorized Distributor Locations Technical Documents Product Specifications 108-1956 Application Specifications 114-13021 Connector Centerline Position PC/104 .100 104* 2.54 PC/104-Plus .079 120** 2.0 *Two circuits plugged per PC/104 specification. Other options available. **One circuit plugged per PC/104-Plus specifica- tion. Other options available. Product Facts I Press fit design — eliminates hand soldering I Unitized PC/104 connector assembly — eliminates two piece (64 pin & 40 pin) configuration I Integral board spacers with captive hardware — eases & improves assembly efficiency while minimizing stocked hardware I “Flat-rock” insertable — no need for complex insertion tooling I Recognized by Underwriters' Laboratories to US and Canadian standards file No. E28476 I Fully compliant with PC104 & PC104-Plus standards I Solutions available for lead free processes (ie. ENIG and silver immersion plated PCB's) |
Número de pieza similar - 5-104656-5 |
|
Descripción similar - 5-104656-5 |